Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT74A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HCT74A
Description  Dual D Flip-Flop with Set and Reset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT74A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT74A Datasheet HTML 1Page - ON Semiconductor MC74HCT74A Datasheet HTML 2Page - ON Semiconductor MC74HCT74A Datasheet HTML 3Page - ON Semiconductor MC74HCT74A Datasheet HTML 4Page - ON Semiconductor MC74HCT74A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74HCT74A
http://onsemi.com
4
SWITCHING WAVEFORMS
1/fmax
Figure 1.
CLOCK
Q OR Q
tf
tr
3 V
GND
2.7 V
1.3 V
0.3 V
90%
1.3 V
10%
tPLH
tPHL
tTLH
tTHL
tw
Figure 2.
GND
SET OR
RESET
Q OR Q
Q OR Q
CLOCK
tPLH
tPHL
DATA
CLOCK
Figure 3.
VALID
tsu
th
trec
tw
Figure 4. Expanded Logic Diagram
SET
DATA
RESET
4, 10
2, 12
1, 13
CLOCK
3, 11
5, 9
6, 8
Q
Q
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 5.
3 V
GND
3 V
1.3 V
1.3 V
1.3 V
1.3 V
GND
3 V
GND
3 V
1.3 V
1.3 V


Similar Part No. - MC74HCT74A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT74A MOTOROLA-MC74HCT74A Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
134Kb / 6P
   Dual D Flip?묯lop with Set and Reset with LSTTL Compatible Inputs
October, 2006 ??Rev. 10
logo
Motorola, Inc
MC74HCT74AD MOTOROLA-MC74HCT74AD Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT74AD ONSEMI-MC74HCT74AD Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
More results

Similar Description - MC74HCT74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com