Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT74ADG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT74ADG
Description  Dual D Flip-Flop with Set and Reset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT74ADG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT74ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT74ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT74ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT74ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT74ADG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74HCT74A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Guaranteed Limit
Unit
–55 to
25
_C
≤ 85_C
≤ 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
24
30
36
ns
tPLH,
tPHL
Maximum Propagation Delay, Set or Reset to Q or Q
(Figures 2 and 4)
24
30
36
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25
°C, VCC = 5.0 V
pF
32
1. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Fig.
Guaranteed Limit
Units
–55 to
25
_C
≤ 85_C
≤ 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
3
15
19
22
ns
th
Minimum Hold Time, Clock to Data
3
3
3
3
ns
trec
Minimum Recovery Time, Set or Reset Inactive to Clock
2
6
8
9
ns
tw
Minimum Pulse Width, Clock
1
15
19
22
ns
tw
Minimum Pulse Width, Set or Reset
2
15
19
22
ns
tr, tf
Maximum Input Rise and Fall Times
1
500
500
500
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74HCT74ADG
SOIC−14 NB
(Pb−Free)
55 Units / Rail
MC74HCT74ADR2G
SOIC−14 NB
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74HCT74ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT74ADG ONSEMI-MC74HCT74ADG Datasheet
134Kb / 6P
   Dual D Flip?묯lop with Set and Reset with LSTTL Compatible Inputs
October, 2006 ??Rev. 10
More results

Similar Description - MC74HCT74ADG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com