Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC589A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC589A
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC589A_14 Datasheet HTML 1Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 2Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 3Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 4Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 5Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 6Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 7Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 8Page - ON Semiconductor MC74HC589A_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC74HC589A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
−55
_C to 25_C
≤ 85_C
≤ 125_C
Unit
VIH
Minimum High−Level Input
Voltage
Vout = 0.1 V or VCC *0.1 V
|Iout| ≤ 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1 V or VCC *0.1 V
|Iout| ≤ 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VOH
Minimum High−Level
Output Voltage
Vin = VIH or VIL
|Iout| ≤ 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH or VIL
|Iout| ≤ 2.4 mA
|Iout| ≤ 6.0 mA
|Iout| ≤ 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level
Output Voltage
Vin = VIH
|Iout| ≤ 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| ≤ 2.4 mA
|Iout| ≤ 6.0 mA
|Iout| ≤ 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
IOZ
Maximum Three−State
Leakage Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
±0.5
±5.0
±10
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4
40
160
mA


Similar Part No. - MC74HC589A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589AD ONSEMI-MC74HC589AD Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589AD ONSEMI-MC74HC589AD Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADG ONSEMI-MC74HC589ADG Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADR2 ONSEMI-MC74HC589ADR2 Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589ADR2 ONSEMI-MC74HC589ADR2 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
More results

Similar Description - MC74HC589A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com