Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74HCU04ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLV74HCU04ADR2G
Description  Hex Unbuffered Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74HCU04ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLV74HCU04ADR2G Datasheet HTML 1Page - ON Semiconductor NLV74HCU04ADR2G Datasheet HTML 2Page - ON Semiconductor NLV74HCU04ADR2G Datasheet HTML 3Page - ON Semiconductor NLV74HCU04ADR2G Datasheet HTML 4Page - ON Semiconductor NLV74HCU04ADR2G Datasheet HTML 5Page - ON Semiconductor NLV74HCU04ADR2G Datasheet HTML 6Page - ON Semiconductor NLV74HCU04ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 8
1
Publication Order Number:
MC74HCU04A/D
MC74HCU04A
Hex Unbuffered Inverter
High−Performance Silicon−Gate CMOS
The MC74HCU04A is identical in pinout to the LS04 and the
MC14069UB. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LSTTL
outputs.
This device consists of six single−stage inverters. These inverters
are well suited for use as oscillators, pulse shapers, and in many other
applications requiring a high−input impedance amplifier. For digital
applications, the HC04A is recommended.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V; 2.5 to 6.0 V in Oscillator
Configurations
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7.0 A Requirements
Chip Complexity: 12 FETs or 3 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
LOGIC DIAGRAM
Y1
A1
A2
A3
A4
A5
A6
Y2
Y3
Y4
Y5
Y6
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
PIN 14 = VCC
PIN 7 = GND
http://onsemi.com
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
TSSOP−14
SOIC−14 NB
HCU04AG
AWLYWW
1
14
HCU
04A
ALYW
G
G
1
14
(Note: Microdot may be in either location)
TSSOP−14
DT SUFFIX
CASE 948G
SOIC−14 NB
D SUFFIX
CASE 751A
FUNCTION TABLE
Inputs
A
L
H
Outputs
Y
H
L
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Y5
A5
Y6
A6
VCC
Y4
A4
Y2
A2
Y1
A1
GND
Y3
A3


Similar Part No. - NLV74HCU04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74HC00ADG ONSEMI-NLV74HC00ADG Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC00ADR2G ONSEMI-NLV74HC00ADR2G Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC00ADTR2G ONSEMI-NLV74HC00ADTR2G Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC02ADR2G ONSEMI-NLV74HC02ADR2G Datasheet
128Kb / 7P
   Quad 2-Input NOR Gate
October, 2013 ??Rev. 14
NLV74HC02ADTR2G ONSEMI-NLV74HC02ADTR2G Datasheet
128Kb / 7P
   Quad 2-Input NOR Gate
October, 2013 ??Rev. 14
More results

Similar Description - NLV74HCU04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com