Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC589ADTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC589ADTR2G
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589ADTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC589ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 8Page - ON Semiconductor MC74HC589ADTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 7
1
Publication Order Number:
MC74HC589A/D
MC74HC589A
8-Bit Serial or
Parallel-Input/Serial-Output
Shift Register with 3-State
Output
High−Performance Silicon−Gate CMOS
The MC74HC589A device consists of an 8−bit storage latch which
feeds parallel data to an 8−bit shift register. Data can also be loaded
serially (see the Function Table). The shift register output, QH, is a
3−state output, allowing this device to be used in bus−oriented
systems.
The HC589A directly interfaces with the SPI serial data port on
CMOS MPUs and MCUs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC
Standard No. 7 A
Chip Complexity: 526 FETs or 131.5 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
Figure 1. Logic Diagram
SERIAL
DATA
INPUT
14
15
1
2
3
4
5
6
7
12
11
13
10
SA
A
B
C
D
E
F
G
H
LATCH CLOCK
SHIFT CLOCK
SERIAL SHIFT/
PARALLEL LOAD
OUTPUT ENABLE
PARALLEL
DATA
INPUTS
DATA
LATCH
SHIFT
REGISTER
VCC = PIN 16
GND = PIN 8
9
QH
SERIAL
DATA
OUTPUT
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
MARKING DIAGRAMS
SOIC−16
TSSOP−16
1
16
HC589AG
AWLYWW
HC
589A
ALYW
G
G
1
16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
(Note: Microdot may be in either location)
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
LATCH CLOCK
SERIAL SHIFT/
PARALLEL LOAD
SA
A
VCC
QH
OUTPUT
ENABLE
SHIFT CLOCK
E
D
C
B
GND
H
G
F


Similar Part No. - MC74HC589ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589ADTR2 ONSEMI-MC74HC589ADTR2 Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589ADTR2 ONSEMI-MC74HC589ADTR2 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
More results

Similar Description - MC74HC589ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com