Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC374ADWR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC374ADWR2G
Description  Octal 3-State Non-Inverting D Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC374ADWR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC374ADWR2G Datasheet HTML 1Page - ON Semiconductor MC74HC374ADWR2G Datasheet HTML 2Page - ON Semiconductor MC74HC374ADWR2G Datasheet HTML 3Page - ON Semiconductor MC74HC374ADWR2G Datasheet HTML 4Page - ON Semiconductor MC74HC374ADWR2G Datasheet HTML 5Page - ON Semiconductor MC74HC374ADWR2G Datasheet HTML 6Page - ON Semiconductor MC74HC374ADWR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74HC374A
http://onsemi.com
4
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
VCC
Volts
Guaranteed Limit
Unit
–55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
3
2.0
3.0
4.5
6.0
50
40
10
9
65
50
13
11
75
60
15
13
ns
th
Minimum Hold Time, Clock to Data
3
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5 0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
1
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
SWITCHING WAVEFORMS
Figure 1.
tr
tf
VCC
GND
tTHL
tTLH
90%
50%
10%
90%
50%
10%
CLOCK
tPLH
tPHL
Q
tW
1/fmax
50%
50%
50%
OUTPUT
ENABLE
Q
tPZL
tPLZ
tPZH
tPHZ
10%
90%
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
50%
DATA
CLOCK
VCC
VCC
GND
GND
VALID
th
tsu
50%
Q
Figure 2.
Figure 3.


Similar Part No. - MC74HC374ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC374ADWR2G ONSEMI-MC74HC374ADWR2G Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC374ADWR2G ONSEMI-MC74HC374ADWR2G Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
More results

Similar Description - MC74HC374ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
   OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com