Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G04DFT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC1G04DFT1G
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G04DFT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC1G04DFT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G04DFT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G04DFT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G04DFT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G04DFT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G04DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 10
1
Publication Order Number:
MC74HC1G04/D
MC74HC1G04
Single Inverter
The MC74HC1G04 is a high speed CMOS inverter fabricated with
silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including
a buffer output which provides high noise immunity and stable output.
The MC74HC1G04 output drive current is 1/2 compared to
MC74HC series.
High Speed: tPD = 7 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25_C
High Noise Immunity
Balanced Propagation Delays (tpLH = tpHL)
Symmetrical Output Impedance (IOH = IOL = 2 mA)
Chip Complexity: FET = 105
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Figure 1. Pinout (Top View)
VCC
NC
IN A
OUT Y
GND
Figure 2. Logic Symbol
IN A
OUT Y
1
1
2
3
4
5
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
L
H
FUNCTION TABLE
Input A
Output Y
H
L
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
SC−88A
(SC70−5/SOT−353)
DF SUFFIX
CASE 419A
TSOP−5
DT SUFFIX
CASE 483
1
5
http://onsemi.com
H5 M
G
G
H5 M
G
G
H5
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
5
SC−88A
TSOP−5


Similar Part No. - MC74HC1G04DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04DFT1G ONSEMI-MC74HC1G04DFT1G Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
MC74HC1G04DFT1G ONSEMI-MC74HC1G04DFT1G Datasheet
169Kb / 8P
   Single Inverter
November, 2018 ??Rev. 11
MC74HC1G04DFT1G ONSEMI-MC74HC1G04DFT1G Datasheet
289Kb / 9P
   Single Inverter
May, 2022 ??Rev. 14
MC74HC1G04DFT1G-L22038 ONSEMI-MC74HC1G04DFT1G-L22038 Datasheet
289Kb / 9P
   Single Inverter
May, 2022 ??Rev. 14
More results

Similar Description - MC74HC1G04DFT1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com