Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTQ150-1TRRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # 20CTQ150-1TRRPBF
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTQ150-1TRRPBF Datasheet(HTML) 4 Page - International Rectifier

  20CTQ150-1TRRPBF Datasheet HTML 1Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 2Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 3Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 4Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 5Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 6Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 7Page - International Rectifier 20CTQ150-1TRRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
20CTQ150, 20CTQ150S, 20CTQ150-1
4
Bulletin PD-20648 rev. C 09/04
www.irf.com
Fig. 5 - Maximum Average Forward Current
Vs. Allowable Lead Temperature
Fig. 6 - Maximum Average Forward Dissipation
Vs. Average Forward Current
Fig. 7 - Maximum Peak Surge Forward Current Vs. Pulse Duration
Average Forward Current - I
F(AV) (A)
Average Forward Current - I
F(AV) (A)
Square Wave Pulse Duration - t
p (microsec)
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
Fig. 8 - Unclamped Inductive Test Circuit
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
130
140
150
160
170
180
02468
10
12
14
16
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (2)
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75


Similar Part No. - 20CTQ150-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150-1TRRPBF VISHAY-20CTQ150-1TRRPBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 11-Aug-08
20CTQ150-1TRRPBF VISHAY-20CTQ150-1TRRPBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 23-Mar-10
More results

Similar Description - 20CTQ150-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com