Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTQ150TRLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # 20CTQ150TRLPBF
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTQ150TRLPBF Datasheet(HTML) 2 Page - International Rectifier

  20CTQ150TRLPBF Datasheet HTML 1Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 2Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 3Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 4Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 5Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 6Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 7Page - International Rectifier 20CTQ150TRLPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
20CTQ150, 20CTQ150S, 20CTQ150-1
2
Bulletin PD-20648 rev. C 09/04
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.80
0.88
V
@ 10A
(Per Leg) * See Fig. 1
0.90
1.0
V
@ 20A
0.63
0.66
V
@ 10A
0.73
0.77
V
@ 20A
I
RM
Max. Reverse Leakage Current
3.0
25
µA
TJ = 25 °C
(Per Leg) * See Fig. 2
2.7
5.0
mA
TJ = 125 °C
CT
Typical Junction Capacitance (Per Leg)
-
280
pF
VR = 5VDC (test signal range 100kHz to 1Mhz)
@ 25°C
L
S
Typical Series Inductance (Per Leg)
-
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
-
10000
V/ µs
(Rated VR)
I
F(AV) Max. Average Forward
(Per Leg)
10
A
50% duty cycle @ T
C = 154°C, rectangular wave form
Current
* See Fig. 5
(Per Device)
20
I
FSM
Max. Peak One Cycle Non-Repetitive
1030
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg)
* See Fig. 7
180
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
2.45
mJ
T
J = 25 °C, IAS = 0.7 Amps, L = 10 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
0.7
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by TJ max. VA = 1.5 x VR typical
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Parameters
Values Units
Conditions
A
150
Parameters
20CTQ150
20CTQ150S
20CTQ150-1
Following any rated
load condition and with
rated VRRM applied
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
Parameters
Typ.
Max. Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range
-55 to 175
°C
Tstg
Max. Storage Temperature Range
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
2.0
°C/W DC operation
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.0
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance,
0.50
°C/W Mounting surface , smooth and greased
Case to Heatsink
(only for TO-220)
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
20CTQ150
Case style TO-220
20CTQ150S
Case style D2-Pak
20CTQ150-1
Case style TO-262
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values Units
Conditions
V
R = rated VR


Similar Part No. - 20CTQ150TRLPBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
20CTQ150 MICROSEMI-20CTQ150 Datasheet
149Kb / 2P
   20 AMP SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
logo
International Rectifier
20CTQ150 IRF-20CTQ150 Datasheet
342Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
161Kb / 8P
   Schottky Rectifier
Revision: 26-Aug-11
logo
Inchange Semiconductor ...
20CTQ150 ISC-20CTQ150 Datasheet
309Kb / 2P
   Schottky Rectifier
More results

Similar Description - 20CTQ150TRLPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com