Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71101ENECAA-000TR Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH71101ENECAA-000TR
Description  FSK/ASK Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71101ENECAA-000TR Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH71101ENECAA-000TR Datasheet HTML 7Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 8Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 9Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 10Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 11Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 12Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 13Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 14Page - Melexis Microelectronic Systems TH71101ENECAA-000TR Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TH71101
315/433MHz
FSK/ASK Receiver
39010 71101
Page 11 of 21
Data Sheet
Rev. 018
Jun/13
3.5
AC System Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V,
RF at 433.92 MHz; SAW frond-end filter loss and IF at 10.7 MHz;
all parameters based on test circuits as shown in Fig. 2, Fig.3 and Fig. 5
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Receive Characteristics
Input sensitivity – FSK
(standard)
Pmin, ST
BIF = 180kHz,
f = ±20kHz,
4kbps NRZ,
BER ≤ 3⋅10
-3, 6)
-104
dBm
Input sensitivity – FSK
(narrow band)
Pmin, NB
BIF = 30kHz,
f = ±5kHz,
4kbps NRZ,
BER ≤ 3⋅10
-3, 6)
-108
dBm
Input sensitivity – ASK
Pmin, ASK
BIF = 180kHz,
4kbps NRZ,
BER ≤ 3⋅10
-3, 6)
-110
dBm
Maximum input signal – FSK
Pmax, FSK BER ≤ 3⋅10
-3
GAIN_LNA = 1
0
dBm
Maximum input signal – ASK
Pmax, ASK BER ≤ 3⋅10
-3
GAIN_LNA = 1
-10
dBm
Spurious emission
Pspur
-70
dBm
Image rejection
Pimag
45
dB
Start-up Parameters
Crystal start-up time
TXTL
ENRX from 0 to 1
0.9
ms
Receiver start-up time
TRX
ENRX from 0 to 1,
depends on data slicer
time constant,
valid data at output
TXTL
+
R4 · C17
PLL Parameters
VCO gain
KVCO
250
MHz/V
Charge pump current
ICP
60
µA
6) incl. 3 dB loss of front-end SAW filter


Similar Part No. - TH71101ENECAA-000TR

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71101ENE MELEXIS-TH71101ENE Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
More results

Similar Description - TH71101ENECAA-000TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
logo
List of Unclassifed Man...
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
ATMEL Corporation
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com