Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221ELQBAA-000TU Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH71221ELQBAA-000TU
Description  FSK/FM/ASK Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221ELQBAA-000TU Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH71221ELQBAA-000TU Datasheet HTML 1Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 1 of 44
Data Sheet
Rev. 009
Nov/15
Features
Single chip solution with only a few external
components
Stand-alone fixed-frequency user mode
Programmable multi-channel user mode
Low current consumption in active mode and
very low standby current
PLL-stabilized RF VCO (LO) with internal
varactor diode
Lock detect output in programmable
user mode
On-chip AFC for extended input frequency
acceptance range
3wire bus serial control interface
FSK/ASK mode selection
FSK for digital data or FM for analog signal
reception
RSSI output for signal strength indication and
ASK reception
Peak detector for ASK detection
Switchable LNA gain for improved dynamic
range
Automatic PA turn-on after PLL lock
ASK modulation achieved by PA on/off keying
32-pin Quad Flat Lead Package (QFN)
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH71221
E
LQ
BAA-000
RE
TH71221
E
LQ
BAA-000
TU
Legend:
Temperature Code:
E for Temperature Range -40°C to 85°C
Package Code:
LQ for QFN,
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH71221ELQ-BAA-000-RE
Application Examples
General bi-directional half duplex digital data
RF signaling or analog signal communication
Remote Keyless Entry (RKE)
Low-power telemetry systems
Alarm and security systems
Wireless access control
Garage door openers
Networking solutions
Active RFID tags
Remote controls
Home and building automation
Pin Description
General Description
The TH71221 is a single chip FSK/FM/ASK transceiver IC. It is designed to operate in low-power multi-
channel programmable or single-channel stand-alone, half-duplex data transmission systems. It can be used
for applications in automotive, industrial-scientific-medical (ISM), short range devices (SRD) or similar appli-
cations operating in the frequency range of 300 MHz to 930 MHz. In programmable user mode, the trans-
ceiver can operate down to 27 MHz by employing an external VCO varactor diode.
bottom
top
IN_IFA
IN_DEM
INT2/PDO
RSSI
OUT_DEM
OUT_DTA
INT1
VCC_IF
FS0/SDEN
VEE_PLL
VCC_PLL
FS1/LD
VEE_DIG
LF
TNK_LO
TH71221


Similar Part No. - TH71221ELQBAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71221ELQ MELEXIS-TH71221ELQ Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
More results

Similar Description - TH71221ELQBAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
TH7120 ETC-TH7120 Datasheet
718Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
   FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
   FSK/FM/ASK Transmitter
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com