Electronic Components Datasheet Search |
|
MLX92242LUAAAA-000BU Datasheet(PDF) 5 Page - Melexis Microelectronic Systems |
|
MLX92242LUAAAA-000BU Datasheet(HTML) 5 Page - Melexis Microelectronic Systems |
5 / 13 page MLX92242 2-Wire EOL programmable Hall Effect Latch/Switch 3901092242 Page 5 of 13 Data Sheet Rev 2 May/14 9. General Electrical Specifications DC Operating Parameters VDD = 2.7V to 24V, TJ = -40°C to 165°C (unless otherwise specified) Parameter Symbol Test Conditions Min Typ(1) Max Units OFF Supply Current (selectable by a dedicated bit) IOFF VDD = 3.5 to 24V 2 - 5 mA VDD = 3.5 to 24V 5 - 6.9 mA ON Supply Current ION VDD = 3.5 to 24V 12 - 17 mA Reverse Supply current IDDREV VDD = -16V -1 - - mA Safe Mode Supply Current ISAFE - - 1 mA Supply Current Rise/Fall Time 2 tR / tF VDD = 12V, CLOAD = 50pF to GND 0.1 0.3 1 µs Power-On Time (3, 4) tON VDD = 5V, dVDD/dt > 2V/us - 40 70 µs Chopping Frequency fCHOP 350 - kHz Delay Time (2,5) tD Average over 1000 successive switching events @10kHz, Latch, BOP set to 5mT, square wave magnetic field with B > ±20mT, tRISE = tFALL ≤ 20μs - 7.5 - µs Output Jitter (p-p) (2, 6) tJITTER Over 1000 successive switching events @ 1kHz, Latch, BOP set to 5mT, square wave magnetic field with B > ±20mT, tRISE = tFALL ≤ 20μs - ±4 - µs Maximum Switching Frequency (2, 7) fSW Latch, BOP set to 5mT, square wave magnetic field with B > ±20mT - 50 - kHz Under-voltage Lockout Threshold VUVL - - 2.7 V Under-voltage Lockout Reaction time (2) tUVL - 1 - µs Thermal Protection Threshold TPROT - 190 (8) - °C Thermal Protection Release TREL - 180 (8) - °C UA Package Thermal Resistance RTHJA 200 °C/W SE Package Thermal Resistance RTHJA 300 °C/W Table 2: General electrical parameters 1Typical values are defined at TA = +25ºC and VDD = 12V 2 Guaranteed by design and verified by characterization, not production tested. 3 The Power-On Time represents the time from reaching VDD = 2.7V to the first refresh of the supply current state. 4 Power-On Slew Rate is not critical for the proper device start-up. 5 The Delay Time is the time from magnetic threshold reached to the start of the output switching. 6 Output jitter is the unpredictable deviation of the Delay time. 7 Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses. 8 TPROT and TREL are the corresponding junction temperature values |
Similar Part No. - MLX92242LUAAAA-000BU |
|
Similar Description - MLX92242LUAAAA-000BU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |