Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX92242LSEAAA-000RE Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX92242LSEAAA-000RE
Description  2-Wire EOL programmable Hall Effect Latch/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92242LSEAAA-000RE Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92242LSEAAA-000RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MLX92242
2-Wire EOL programmable Hall Effect Latch/Switch
3901092242
Page 4 of 13
Data Sheet
Rev 2
May/14
7.
Glossary of Terms
Tesla
Units for the magnetic flux density, 1 mT = 10 Gauss
TC
Temperature Coefficient in ppm/°C
NC
Not Connected
ADC
Analog-to-Digital Converter
PTC
Programming Through Connector
POR
Power on Reset
INL
Integral Non Linearity
DNL
Differential Non Linearity
PWM
Pulse Width Modulation
8.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
(1, 2)
VDD
+28V
V
Supply Voltage (Load Dump)
(1, 4)
VDD
+32V
V
Supply Current
(1,2 3)
IDD
+20
mA
Supply Current
(1,
3, 4)
IDD
+50
mA
Reverse Supply Voltage
(1, 2)
VDDREV
-24
V
Reverse Supply Voltage
(1, 4)
VDDREV
-30
V
Reverse Supply Current
(1, 2, 5)
IDDREV
-20
mA
Reverse Supply Current
(1, 4,5)
IDDREV
-50
mA
Maximum Junction Temperature
(6)
TJ
+165
C
ESD Sensitivity – HBM
(7)
-
8
kV
ESD Sensitivity – MM
(8)
-
400
V
ESD Sensitivity – CDM
(9)
-
1000
V
Magnetic Flux Density
B
Unlimited
mT
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
1 The maximum junction temperature should not be exceeded
2 For maximum 1 hour
3 Including current through protection device
4 For maximum 500ms
5 Through protection device
6 For 1000 hours.
7 Human Model according AEC-Q100-002 standard
8 Machine Model according AEC-Q100-003 standard
9 Charged Device Model according AEC-Q100-011 standard


Similar Part No. - MLX92242LSEAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-AAA MELEXIS-MLX92241-AAA Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-LSERE MELEXIS-MLX92241LSE-AAA-LSERE Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
More results

Similar Description - MLX92242LSEAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com