Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX92242LSEAAA-000RE Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX92242LSEAAA-000RE
Description  2-Wire EOL programmable Hall Effect Latch/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92242LSEAAA-000RE Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX92242LSEAAA-000RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92242LSEAAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MLX92242
2-Wire EOL programmable Hall Effect Latch/Switch
3901092242
Page 1 of 13
Data Sheet
Rev 2
May/14
1.
Features and Benefits
 Wide operating voltage range : from 2.7V to
24V
 Maximum application flexibility by re-
programming of all sensor functions
 Customer End-Of-Line programming via VDD
pin in the application module for system
design optimization
 Locking EEPROM after final programming via
VDD pin
 Programmable permanent magnet
Temperature Coefficient compensation - from
0 to -2000ppm/ºC
 Integrated self-diagnostic functions activating
dedicated Safe Mode
 Reverse supply voltage protection
 Under-Voltage Lockout protection
2.
Application Examples
 Automotive, Consumer and Industrial
 Wiper motor
 Window lifter
 Doorlock
 Seatbelt buckle
 Seat positioning
 Sunroof/Tailgate opener
 Electrical power steering
3.
Ordering Information
Product Code
Temperature
Code
Package Code
Option Code
Packing
Form Code
MLX92242
L
UA
AAA-000
BU
MLX92242
L
SE
AAA-000
RE
Legend:
Temperature Code:
L(-40°C to 150°C)
Package Code:
UA=TO-92-3L/ SE=TSOT-3L
Option Code:
BCA-001
Packing Form:
BU=Bulk / RE = Reel
Ordering example:
MLX92242LUA-AAA-000-BU
4.
Functional Diagram
VDD
GND
Output
Current Sink
Control
Voltage Regulator
with Reverse Polarity
Protection
CDS
Amplifier
Switched
Hall
Plate
Trimming
Register
Under-
Voltage
Lockout
Thermal
Protection
Bop/Brp
reference
Temperature
Compensation
TEST


Similar Part No. - MLX92242LSEAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-AAA MELEXIS-MLX92241-AAA Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-LSERE MELEXIS-MLX92241LSE-AAA-LSERE Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
More results

Similar Description - MLX92242LSEAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com