Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR200100CTR Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR200100CTR
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR200100CTR Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR200100CTR Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR200100CTR Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR200100CTR Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF(AV) = 200 A
Features
• High Surge Capability
Twin Tower Package
• Not ESD Sensitive
Parameter
Symbol
MBR20045CT(R) MBR20060CT(R)
Unit
Repetitive peak reverse
voltage
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
• Types from 45 V to 100 V VRRM
Conditions
100
70
MBR20045CT thru MBR200100CTR
MBR200100CT(R)
80
57
MBR20080CT(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
DC blocking voltage
VDC
45
60
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBR20045CT(R) MBR20060CT(R)
Unit
Average forward current
(per pkg)
IF(AV)
200
200
A
Maximum forward
voltage (per leg)
0.70
0.75
11
10
10
30
30
Thermal characteristics
Thermal resistance,
junction-case, per leg
R
ΘJC
0.45
0.45
°C/W
Tj = 100 °C
10
10
TC = 125 °C
200
200
Peak forward surge
current (per leg)
IFSM
tp = 8.3 ms, half sine
1500
1500
1500
1500
V
-55 to 150
-55 to 150
100
80
A
-55 to 150
MBR200100CT(R)
11
MBR20080CT(R)
0.45
Tj = 150 °C
0.45
0.84
0.84
30
mA
Tj = 25 °C
IFM = 100 A, Tj = 25 °C
Conditions
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Reverse current at rated
DC blocking voltage
(per leg)
IR
VF
30
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR200100CTR

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR200100CTR TEL-MBR200100CTR Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
logo
America Semiconductor, ...
MBR200100CTR AMERICASEMI-MBR200100CTR Datasheet
446Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR200100CTR GENESIC-MBR200100CTR Datasheet
712Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR200100CTR

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com