Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEUWD1W301-7N7P-GMKM-T01 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEUWD1W301-7N7P-GMKM-T01
Description  compact lightsource in multi chip on board technology with glass window on top
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W301-7N7P-GMKM-T01 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 1Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 2Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 3Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 4Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 5Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W301-7N7P-GMKM-T01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 2.1 (not for new design)
LE UW D1W3 01
2015-12-02
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 135
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction temperature
Sperrschichttemperatur
T
j
150
°C
Forward current
Durchlassstrom
(TBoard = 25 °C)
I
F
100 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.1; T
Board = 25 °C)
IFM
2000
mA
Reverse voltage
Sperrspannung
(TBoard = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to IEC 61000-4-2 contact discharge)
VESD
8
kV
Note:
*The LED chip exhibits excellent performance but slight package discoloration occurs at highest temperatures. Exemplary
median lifetime for Tj = 175°C is 100h.
Anm:
*Auch bei höchsten Temperaturen zeigt der LED Chip sehr gute Leistungsmerkmale, aber es kann eine leichte Verfärbung
des Gehäuses auftreten. Die mittlere Lebensdauer bei T
j = 175°C beträgt 100h.


Similar Part No. - LEUWD1W301-7N7P-GMKM-T01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWD1W101 OSRAM-LEUWD1W101 Datasheet
294Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
More results

Similar Description - LEUWD1W301-7N7P-GMKM-T01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-A-G3W OSRAM-LE-A-G3W Datasheet
576Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W2-01 OSRAM-LE-UW-D1W2-01 Datasheet
605Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W1-01 OSRAM-LE-UW-D1W1-01 Datasheet
294Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-A-H3W OSRAM-LE-A-H3W Datasheet
447Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W4-01 OSRAM-LE-UW-D1W4-01 Datasheet
533Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W5-01 OSRAM-LE-UW-D1W5-01 Datasheet
520Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com