Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGR971-KN-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LGR971-KN-1
Description  Optical Indicator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGR971-KN-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LGR971-KN-1 Datasheet HTML 1Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 2Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 3Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 4Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 5Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 6Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 7Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 8Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2012-11-06
4
Version 1.0
LG R971
Characteristics (TA = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
572
nm
Dominant Wavelength 3)page 19
Dominantwellenlänge 3) Seite 19
(typ.)
λdom
570
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
30
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
160
°
Forward voltage 4) page 19
Durchlassspannung 4)Seite 19
(typ.)
(max.)
VF
VF
2.20
2.50
V
V
Reverse current
Sperrstrom
(VR = 12 V)
(typ.)
(max.)
IR
IR
0.02
100
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.1
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.06
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-1.40
mV/K
Real thermal resistance junction / ambient
5) page 19 , 6) page 19
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 19 , 6) Seite 19
(max.)
Rth JA real
800
K/W
Real thermal resistance junction / solder point
6) page 19
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 19
(max.)
Rth JS real
450
K/W


Similar Part No. - LGR971-KN-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGR971-KN-1 OSRAM-LGR971-KN-1 Datasheet
394Kb / 20P
   Optical Indicator
More results

Similar Description - LGR971-KN-1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
   Optical Indicator
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com