Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614ESF-AAA-000-TU Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-AAA-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-AAA-000-TU Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90614ESF-AAA-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90614ESF-AAA-000-TU Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 10 of 52
Data Sheet
Rev 009
June 29, 2015
8 Detailed description
8.1 Block diagram
Figure 3: Block diagram
8.2 Signal processing principle
The operation of the MLX90614 is controlled by an internal state machine, which controls the
measurements and calculations of the object and ambient temperatures and does the post-processing of the
temperatures to output them through the PWM output or the SMBus compatible interface.
The ASSP supports 2 IR sensors (second one not implemented in the MLX90614xAx).The output of the
IR sensors is amplified by a low noise low offset chopper amplifier with programmable gain, converted by a
Sigma Delta modulator to a single bit stream and fed to a powerful DSP for further processing. The signal is
treated by programmable (by means of EEPROM contend) FIR and IIR low pass filters for further reduction of
the band width of the input signal to achieve the desired noise performance and refresh rate. The output of the
IIR filter is the measurement result and is available in the internal RAM. 3 different cells are available: One for
the on-board temperature sensor and 2 for the IR sensors.
Based on results of the above measurements, the corresponding ambient temperature Ta and object
temperatures To are calculated. Both calculated temperatures have a resolution of 0.01˚C. The data for Ta and
To can be read in two ways: Reading RAM cells dedicated for this purpose via the 2-wire interface (0.02°C
resolution, fixed ranges), or through the PWM digital output (10 bit resolution, configurable range).
In the last step of the measurement cycle, the measured Ta and To are rescaled to the desired output
resolution of the PWM) and the recalculated data is loaded in the registers of the PWM state machine, which
creates a constant frequency with a duty cycle representing the measured data.
81101
OPA
ADC
DSP
PWM
STATE MACHINE
Voltage
Regulator
90302


Similar Part No. - MLX90614ESF-AAA-000-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614ESF-AAA ETC2-MLX90614ESF-AAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-AAA MELEXIS-MLX90614ESF-AAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614ESF-AAA-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com