Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOQ976-PS-25 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LOQ976-PS-25
Description  SMT package 0603, colorless diffused resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOQ976-PS-25 Datasheet(HTML) 3 Page - OSRAM GmbH

  LOQ976-PS-25 Datasheet HTML 1Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 2Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 3Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 4Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 5Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 6Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 7Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 8Page - OSRAM GmbH LOQ976-PS-25 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 1.2
LO Q976
2014-06-04
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-30 ... 85
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 85
°C
Junction temperature
Sperrschichttemperatur
T
j
95
°C
Forward current
Durchlassstrom
(T
A = 25 °C)
I
F
25
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.1; T
A = 25 °C)
I
FM
100
mA
Reverse voltage
2) page 19
Sperrspannung 2) Seite 19
(T
A = 25 °C)
V
R
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
2)
V
ESD
2
kV


Similar Part No. - LOQ976-PS-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOQ976-PS-25 OSRAM-LOQ976-PS-25 Datasheet
1Mb / 20P
   Electronic Equipment
More results

Similar Description - LOQ976-PS-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
   SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
   SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
   SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
   SMT package 0603, colorless diffused resin
LA-L296 OSRAM-LA-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LB-L293 OSRAM-LB-L293 Datasheet
396Kb / 21P
   SMT package 0603, colorless diffused resin
LT-Q39E OSRAM-LT-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com