Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOY876-Q2T1-24 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOY876-Q2T1-24
Description  white SMT package, colorless clear resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOY876-Q2T1-24 Datasheet(HTML) 1 Page - OSRAM GmbH

  LOY876-Q2T1-24 Datasheet HTML 1Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 2Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 3Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 4Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 5Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 6Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 7Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 8Page - OSRAM GmbH LOY876-Q2T1-24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-10-16
1
2014-10-16
Micro SIDELED 3010
Datasheet
Version 1.1
LO Y876
Micro SIDELED is a SMT LED with side emission. Due
to its low package height it is ideal for applications in
limited space environments.
Micro SIDELED ist eine SMT LED mit seitlicher
Abstrahlrichtung. Aufgrund ihrer niedrigen
Bauteilhöhe ist sie ideal für Anwendungen mit
begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
Technologie: InGaAlP
• Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
• Color: orange (606 nm)
Farbe: orange (606 nm)
• Optical efficiency (typ.): 9 lm/W (orange)
Optischer Wirkungsgrad (typ.): 9 lm/W (orange)
• Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into Light Guides
Einkopplung in Lichtleiter
• Backlighting
Hinterleuchtung
• Signal and Symbol Luminary
Signal- und Symbolleuchten
• Automotive Interior Lighting
Automobilbeleuchtung innen


Similar Part No. - LOY876-Q2T1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOY876 OSRAM-LOY876 Datasheet
435Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LOY876 OSRAM-LOY876 Datasheet
503Kb / 20P
   Coupling into Light Guides
More results

Similar Description - LOY876-Q2T1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
LSM47K OSRAM-LSM47K Datasheet
456Kb / 19P
   white SMT package, colorless clear resin
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
   white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
   white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
   white SMT package, colorless clear resin
LP-M676 OSRAM-LP-M676 Datasheet
502Kb / 20P
   white SMT package, colorless clear resin
LS-P47F OSRAM-LS-P47F Datasheet
522Kb / 21P
   white SMT package, colorless clear resin
LT-Y8SG OSRAM-LT-Y8SG Datasheet
536Kb / 21P
   white SMT package, colorless clear resin
LG-M670 OSRAM-LG-M670 Datasheet
478Kb / 19P
   white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
   white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
   white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com