Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614ESF-DBC-000-TU Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-DBC-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-DBC-000-TU Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90614ESF-DBC-000-TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-DBC-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 2 of 52
Data Sheet
Rev 009
June 29, 2015
General description (continued)
The MLX90614 is built from 2 chips developed and manufactured by Melexis:
The Infra Red thermopile detector MLX81101
The signal conditioning ASSP MLX90302, specially designed to process the output of IR sensor.
The device is available in an industry standard TO-39 package.
Thanks to the low noise amplifier, high resolution 17-bit ADC and powerful DSP unit of MLX90302 high
accuracy and resolution of the thermometer is achieved. The calculated object and ambient temperatures are
available in RAM of MLX90302 with resolution of 0.01˚C. They are accessible by 2 wire serial SMBus
compatible protocol (0.02°C resolution) or via 10-bit PWM (Pulse Width Modulated) output of the device.
The MLX90614 is factory calibrated in wide temperature ranges: -40…125˚C for the ambient
temperature and -70…380˚C for the object temperature.
The measured value is the average temperature of all objects in the Field Of View of the sensor. The
MLX90614 offers a standard accuracy of ±0.5˚C around room temperatures. A special version for medical
applications exists offering an accuracy of ±0.2˚C in a limited temperature range around the human body
temperature.
It is very important for the application designer to understand that these accuracies are only guaranteed
and achievable when the sensor is in thermal equilibrium and under isothermal conditions (there are no
temperature differences across the sensor package). The accuracy of the thermometer can be influenced by
temperature differences in the package induced by causes like (among others): Hot electronics behind the
sensor, heaters/coolers behind or beside the sensor or by a hot/cold object very close to the sensor that not
only heats the sensing element in the thermometer but also the thermometer package.
This effect is especially relevant for thermometers with a small FOV like the xxC and xxF as the energy
received by the sensor from the object is reduced. Therefore, Melexis has introduced the xCx version of the
MLX90614. In these MLX90614xCx, the thermal gradients are measured internally and the measured
temperature is compensated for them. In this way, the xCx version of the MLX90614 is much less sensitive to
thermal gradients, but the effect is not totally eliminated. It is therefore important to avoid the causes of thermal
gradients as much as possible or to shield the sensor from them.
As a standard, the MLX90614 is calibrated for an object emissivity of 1. It can be easily customized by
the customer for any other emissivity in the range 0.1…1.0 without the need of recalibration with a black body.
The 10-bit PWM is as a standard configured to transmit continuously the measured object temperature
for an object temperature range of -20…120˚C with an output resolution of 0.14˚C. The PWM can be easily
customized for virtually any range desired by the customer by changing the content of 2 EEPROM cells. This
has no effect on the factory calibration of the device.
The PWM pin can also be configured to act as a thermal relay (input is To), thus allowing for an easy
and cost effective implementation in thermostats or temperature (freezing / boiling) alert applications. The
temperature threshold is user programmable. In a SMBus system this feature can act as a processor interrupt
that can trigger reading all slaves on the bus and to determine the precise condition.
The thermometer is available in 2 supply voltage options: 5V compatible or 3V (battery) compatible.
The 5V can be easily adopted to operate from a higher supply voltage (8…16V, for example) by use of few
external components (refer to “Applications information” section for details).
An optical filter (long-wave pass) that cuts off the visible and near infra-red radiant flux is integrated in
the package to provide ambient and sunlight immunity. The wavelength pass band of this optical filter is from
5.5 till 14µm (except for xCH and xCI type of devices which incorporate uncoated silicon lens).


Similar Part No. - MLX90614ESF-DBC-000-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614ESF-DBC ETC2-MLX90614ESF-DBC Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-DBC MELEXIS-MLX90614ESF-DBC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614ESF-DBC-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com