Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614ESF-CBF-000-TU Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-CBF-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-CBF-000-TU Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90614ESF-CBF-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90614ESF-CBF-000-TU Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 7 of 52
Data Sheet
Rev 009
June 29, 2015
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
2
Input high voltage
VIH (Ta, V)
Over temperature and supply
3
V
Input low voltage
VIL (Ta, V)
Over temperature and supply
0.6
V
Output low voltage
VOL
Over temperature and supply,
Isink = 2mA
0.2
V
SCL leakage
ISCL, leak
VSCL=4V, Ta=+85°C
30
µ
A
SDA leakage
ISDA, leak
VSDA=4V, Ta=+85°C
0.3
µ
A
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5A
hex
Wake up request
twake
SDA low
33
ms
SMBus Request
tREQ
SCL low
1.44
ms
Timeout, low
Timeout,L
SCL low
27
33
ms
Timeout, high
Timeout,H
SCL high
45
55
µ
s
Acknowledge setup time
Tsuac(MD)
8-th SCL falling edge, Master
1.5
µ
s
Acknowledge hold time
Thdac(MD)
9-th SCL falling edge, Master
1.5
µ
s
Acknowledge setup time
Tsuac(SD)
8-th SCL falling edge, Slave
2.5
µ
s
Acknowledge hold time
Thdac(SD)
9-th SCL falling edge, Slave
1.5
µ
s
EEPROM
Data retention
Ta = +85°C
10
years
Erase/write cycles
Ta = +25°C
100,000
Times
Erase/write cycles
Ta = +125°C
10,000
Times
Erase cell time
Terase
5
ms
Write cell time
Twrite
5
ms
Table 3: Electrical specification MLX90614Axx
Notes: All the communication and refresh rate timings are given for the nominal calibrated HFO frequency and
will vary with this frequency’s variations.
1. With large capacitive load lower PWM frequency is recommended. Thermal relay output (when
configured) has the PWM DC specification and can be programmed as push-pull, or NMOS open drain. PWM is
free-running, power-up factory default is SMBus, refer to section 8.6, “Switching between PWM and SMBus
communication” for more details.
2. For SMBus compatible interface on 12V application refer to Application information section. SMBus
compatible interface is described in details in the SMBus detailed description section. Maximum number of
MLX90614 devices on one bus is 127, higher pull-up currents are recommended for higher number of devices,
faster bus data transfer rates, and increased reactive loading of the bus.
MLX90614 is always a slave device on the bus. MLX90614 can work in both low-power and high-power SMBus
communication.
All voltages are referred to the Vss (ground) unless otherwise noted.
Sleep mode is not available on the 5V version (MLX90614Axx).


Similar Part No. - MLX90614ESF-CBF-000-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614ESF-CBA ETC2-MLX90614ESF-CBA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-CBA MELEXIS-MLX90614ESF-CBA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-CBB ETC2-MLX90614ESF-CBB Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-CBB MELEXIS-MLX90614ESF-CBB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-CBC ETC2-MLX90614ESF-CBC Datasheet
808Kb / 40P
   Single and Dual Zone
More results

Similar Description - MLX90614ESF-CBF-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com