Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90326LFRLFRAAA-000RE Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX90326LFRLFRAAA-000RE
Description  Analog 0-5V Sensor Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90326LFRLFRAAA-000RE Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX90326LFRLFRAAA-000RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90326LFRLFRAAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MLX90326
Analog 0-5V Sensor Interface IC
3901090326
Page 4 of 13
Data Sheet
Rev 002
Feb/12
4 Pin Definitions and Descriptions
Package
Pin
Nr
Short
Name
Dir
Type
Function / Description
1
INM
IN
Analog
Bridge Sensor Negative
2
ANAGND
gnd
Analog Ground
3
INP
IN
Analog
Bridge Sensor Positive
4
SUB
gnd
Substrate Ground
5
TMP
IN
Temp
External Temperature Sensor (Resistor to supply)
6
DIGGND
gnd
Digital Ground
7
Test
NC
On module to ground.
8
TESTOU
T
OUT
Test
Test Output.
On module to ground
9
TESTIN1
IN
Test
Test Input 1: CLKEXT, TEST (3 level)
10
TESTIN2
IN
Test
Test Input 2: DATAIN, SCAN (3 level)
11
FLT
OUT
Analog
Filter pin
12
OUT
BI
Analog
Analog output and communication pin
13
Test
NC
On module to ground
14
VDD
power
Supply
Supply
Table 2: Pin definitions and descriptions


Similar Part No. - MLX90326LFRLFRAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90326LFR MELEXIS-MLX90326LFR Datasheet
280Kb / 13P
   Analog 0-5V Sensor Interface IC
More results

Similar Description - MLX90326LFRLFRAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90326 MELEXIS-MLX90326 Datasheet
280Kb / 13P
   Analog 0-5V Sensor Interface IC
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
logo
Toshiba Semiconductor
TA8025P TOSHIBA-TA8025P Datasheet
194Kb / 5P
   PICK UP SENSOR INTERFACE IC
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
   Universal Actuator-Sensor Interface IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com