Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90326 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90326
Description  Analog 0-5V Sensor Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90326 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90326 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90326 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MLX90326
Analog 0-5V Sensor Interface IC
3901090326
Page 7 of 13
Data Sheet
Rev 002
Feb/12
6 General Description
The MLX90326 can be used with almost any type of resistive bridge sensor without the need of any
additional signal conditioning.
The differential input signal is offset compensated and amplified to achieve the desired output voltage. With a
coarse gain calibration the MLX90326 can easily accommodate sensor output spans in the 1.8mV/V to
63mV/V range to achieve 4 V output span. Sensor output offsets up to 97.2mV/V (depending on the sensor
output span and on the desired output offset) can be compensated with the coarse offset calibration to
achieve an output offset in the 0.5V to 4.5V range.
7 Unique Features
Offset canceling
The offset of amplifier DIDO is cancelled by using a chopping mechanism. Also the
amplifier DTS and all sample-and-hold circuits make use of an offset canceling mechanism. This means
that the contribution of the on-chip offsets and offset drifts is negligible compared to the external sensor
offset and offset drift.
Coarse and fine second order calibration of the sensitivity and offset.
The MLX90326 can be calibrated to achieve 4V output span for a sensor output span in the 1.8mV/V to
63mV/V and can compensate 0.4mV/V to 97.2mV/V input offset depending on the sensor output span and on
the desired MLX90326 output offset voltage. A wide range of sensor sensitivity and offset temperature drift
can be compensated with the second order fine gain and offset calibration.
EEPROM
All the calibration data is stored three times on an EEPROM and a majority voting is done when accessing
data. Parity check is used to diagnose data corruption. After all calibrations parameters were successfully
written to EEPROM, the EEPROM can be locked by sending a ‘Lock EEPROM’ command (see paragraph 6).
This is strongly recommended to avoid in application mode data corruption. For reliability reasons, actually
each calibration bit is stored three times in the EEPROM and the circuit uses a hardware majority voting
system when accessing data.


Similar Part No. - MLX90326

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90326 MELEXIS-MLX90326 Datasheet
280Kb / 13P
   Analog 0-5V Sensor Interface IC
MLX90326LFR MELEXIS-MLX90326LFR Datasheet
280Kb / 13P
   Analog 0-5V Sensor Interface IC
More results

Similar Description - MLX90326

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90326 MELEXIS-MLX90326 Datasheet
280Kb / 13P
   Analog 0-5V Sensor Interface IC
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
logo
Toshiba Semiconductor
TA8025P TOSHIBA-TA8025P Datasheet
194Kb / 5P
   PICK UP SENSOR INTERFACE IC
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
   Universal Actuator-Sensor Interface IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com