Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614ESF-ABH-000-TU Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-ABH-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-ABH-000-TU Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90614ESF-ABH-000-TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-ABH-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 5 of 52
Data Sheet
Rev 009
June 29, 2015
6 Pin definitions and descriptions
Figure 2: Pin description
Pin Name
Function
SCL / Vz
Serial clock input for 2 wire communications protocol. 5.7V zener is available at this
pin for connection of external bipolar transistor to MLX90614Axx to supply the device
from external 8 …16V source.
SDA / PWM
Digital input / output. In normal mode the measured object temperature is available at
this pin Pulse Width Modulated.
In SMBus compatible mode the pin is automatically configured as open drain NMOS.
VDD
External supply voltage.
VSS
Ground. The metal can is also connected to this pin.
Table 2: Pin description MLX90614
Note: for +12V (+8…+16V) powered operation refer to the Application information section. For EMC and
isothermal conditions reasons it is highly recommended not to use any electrical connection to the metal can
except by the VSS pin.
With the SCL / Vz and PWM / SDA pins operated in 2-wire interface mode, the input Schmidt trigger function is
automatically enabled.
Bottom view
2 - SDA / PWM
4 - VSS
3 - VDD
1 - SCL / Vz


Similar Part No. - MLX90614ESF-ABH-000-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614ESF-ABA ETC2-MLX90614ESF-ABA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-ABA MELEXIS-MLX90614ESF-ABA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-ABB ETC2-MLX90614ESF-ABB Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-ABB MELEXIS-MLX90614ESF-ABB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-ABC ETC2-MLX90614ESF-ABC Datasheet
808Kb / 40P
   Single and Dual Zone
More results

Similar Description - MLX90614ESF-ABH-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com