Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90316EDCBCG-000TU Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90316EDCBCG-000TU
Description  Rotary Position Sensor IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316EDCBCG-000TU Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90316EDCBCG-000TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90316EDCBCG-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 2 of 45
Jul/13
Rev10
MLX90316
K
DC
BDG-100
RE
MLX90316
K
DC
BDG-100
TU
MLX90316
L
DC
BDG-100
TU
MLX90316
L
DC
BDG-100
RE
MLX90316
E
GO
BDG-100
TU
MLX90316
E
GO
BDG-100
RE
MLX90316
K
GO
BDG-100
TU
MLX90316
K
GO
BDG-100
RE
MLX90316
L
GO
BDG-100
TU
MLX90316
L
GO
BDG-100
RE
MLX90316
L
GO
BDG-102
TU
MLX90316
L
GO
BDG-102
RE
MLX90316
L
DC
BDG-102
TU
MLX90316
L
DC
BDG-102
RE
MLX90316
L
DC
BCS-000
TU
MLX90316
L
DC
BCS-000
RE
Legend:
Temperature Code:
L for Temperature Range -40°C to 150°C
E for Temperature Range -40°C to 85°C
K for Temperature Range -40°C to 125°C
S for Temperature Range -20°C to 85°C
Package Code:
DC for SOIC150
GO for TSSOP173
Option Code:
AAA-xxx: die version
xxx-000: standard
xxx-100: SPI
xxx-102: SPI75AGC, see section 14.4.2
xxx-200: PPA (Pre-programmed Analog)
xxx-300: PPD (Pre-programmed Digital)
Packing Form:
RE for Reel, TU for Tube
Ordering example:
MLX90316KDC-BCG-000-TU


Similar Part No. - MLX90316EDCBCG-000TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316EDC ETC2-MLX90316EDC Datasheet
837Kb / 34P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316EDC-BCG--RE MELEXIS-MLX90316EDC-BCG--RE Datasheet
889Kb / 48P
   Rotary Position Sensor IC
MLX90316EDC-BCG-000-RE MELEXIS-MLX90316EDC-BCG-000-RE Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316EDC-SPI ETC2-MLX90316EDC-SPI Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results

Similar Description - MLX90316EDCBCG-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
   Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
   12 mm Rotary Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com