Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2D-2407DH40Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM2D-2407DH40Z
Description  2 Watt | DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-2407DH40Z Datasheet(HTML) 1 Page - AIMTEC

  AM2D-2407DH40Z Datasheet HTML 1Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 2Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 3Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 4Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 5Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 6Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 7Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 8Page - AIMTEC AM2D-2407DH40Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
1 of 11
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
Max (mA)
Input Current
Full Load | No
Load (mA)
Isolation
(VDC)
Max
Capacitive
Load (µF)
Efficiency
(%)
AM2D-0503SZ
4.5-5.5
3.3
400
513
16
1000
470
72
AM2D-0505SZ
4.5-5.5
5
400
488
20
1000
470
78
AM2D-0507SZ
4.5-5.5
7.2
278
494
22
1000
470
80
AM2D-0509SZ
4.5-5.5
9
222
476
35
1000
470
80
AM2D-0512SZ
4.5-5.5
12
167
470
30
1000
470
82
AM2D-0515SZ
4.5-5.5
15
134
465
25
1000
470
82
AM2D-0518SZ
4.5-5.5
18
111
494
25
1000
470
82
AM2D-0524SZ
4.5-5.5
24
83
471
22
1000
470
82
AM2D-1203SZ
10.8-13.2
3.3
400
242
20
1000
470
65
AM2D-1205SZ
10.8-13.2
5
400
203
20
1000
470
77
AM2D-1207SZ
10.8-13.2
7.2
278
201
15
1000
470
80
AM2D-1209SZ
10.8-13.2
9
222
201
17
1000
470
80
AM2D-1212SZ
10.8-13.2
12
167
196
15
1000
470
82
AM2D-1215SZ
10.8-13.2
15
134
196
20
1000
470
82
AM2D-1218SZ
10.8-13.2
18
111
198
18
1000
470
80
AM2D-1224SZ
10.8-13.2
24
83
201
15
1000
470
80
AM2D-2403SZ
21.6-26.4
3.3
400
107
5
1000
470
72
AM2D-2405SZ
21.6-26.4
5
400
104
10
1000
470
79
AM2D-2407SZ
21.6-26.4
7.2
278
104
10
1000
470
80
AM2D-2409SZ
21.6-26.4
9
222
100
10
1000
470
80
AM2D-2412SZ
21.6-26.4
12
167
98
8
1000
470
80
AM2D-2415SZ
21.6-26.4
15
134
99
8
1000
470
82
AM2D-2418SZ
21.6-26.4
18
111
102
10
1000
470
82
AM2D-2424SZ
21.6-26.4
24
83
100
13
1000
470
82
AM2D-4803SZ
43.2-52.8
3.3
400
53
5
1000
470
72
AM2D-4805SZ
43.2-52.8
5
400
53
5
1000
470
79
AM2D-4807SZ
43.2-52.8
7.2
278
52
10
1000
470
80
AM2D-4809SZ
43.2-52.8
9
222
52
10
1000
470
80
AM2D-4812SZ
43.2-52.8
12
167
50
10
1000
470
80
AM2D-4815SZ
43.2-52.8
15
134
52
8
1000
470
82
AM2D-4818SZ
43.2-52.8
18
111
51
8
1000
470
82
AM2D-4824SZ
43.2-52.8
24
83
51
10
1000
470
82
AM2D-0503SH30Z
4.5-5.5
3.3
400
513
16
3000
470
72
AM2D-0505SH30Z
4.5-5.5
5
400
488
20
3000
470
78
AM2D-0507SH30Z
4.5-5.5
7.2
278
494
22
3000
470
80
AM2D-0509SH30Z
4.5-5.5
9
222
476
35
3000
470
80
AM2D-0512SH30Z
4.5-5.5
12
167
470
30
3000
470
82
AM2D-0515SH30Z
4.5-5.5
15
134
465
25
3000
470
82
AM2D-0518SH30Z
4.5-5.5
18
111
494
25
3000
470
82
AM2D-0524SH30Z
4.5-5.5
24
83
471
22
3000
470
82
AM2D-1203SH30Z
10.8-13.2
3.3
400
242
20
3000
470
65
AM2D-1205SH30Z
10.8-13.2
5
400
203
20
3000
470
77
AM2D-1207SH30Z
10.8-13.2
7.2
278
201
15
3000
470
80
AM2D-1209SH30Z
10.8-13.2
9
222
201
17
3000
470
80
AM2D-1212SH30Z
10.8-13.2
12
167
196
15
3000
470
82
AM2D-1215SH30Z
10.8-13.2
15
134
196
20
3000
470
82
 RoHS Compliant
 Operating Temperature -40oC to +85oC
 Low Ripple and Noise
 High Efficiency up to 82%
 7 Pin SIP Package
 Pin Compatible with Multiple Manufacturers
 Isolation of 1000, 3000, 4000, 5200 & 6000 VDC
Click on Series name for product info on aimtec.com


Similar Part No. - AM2D-2407DH40Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-2407DH40Z AIMTEC-AM2D-2407DH40Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2D-2407DH40Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com