Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G00 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC2G00
Description  Dual 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G00 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC2G00 Datasheet HTML 4Page - NXP Semiconductors 74HC2G00 Datasheet HTML 5Page - NXP Semiconductors 74HC2G00 Datasheet HTML 6Page - NXP Semiconductors 74HC2G00 Datasheet HTML 7Page - NXP Semiconductors 74HC2G00 Datasheet HTML 8Page - NXP Semiconductors 74HC2G00 Datasheet HTML 9Page - NXP Semiconductors 74HC2G00 Datasheet HTML 10Page - NXP Semiconductors 74HC2G00 Datasheet HTML 11Page - NXP Semiconductors 74HC2G00 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2003 Feb 12
8
Philips Semiconductors
Product specification
Dual 2-input NAND gate
74HC2G00; 74HCT2G00
Type 74HCT2G00
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); note 1.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
1.6
V
VIL
LOW-level input
voltage
4.5 to 5.5
1.2
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
4.5
V
IO = −4.0 mA
4.5
4.13
4.32
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =20 µA
4.5
0
0.1
V
IO = 4.0 mA
4.5
0.15
0.33
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
10
µA
∆I
CC
additional supply
current per input
VI =VCC − 2.1 V; IO = 0 4.5 to 5.5
−−
375
µA
Tamb = −40 to +125 °C
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
−−
V
IO = −4.0 mA
4.5
3.7
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =20 µA
4.5
0.1
V
IO = 4.0 mA
4.5
−−
0.4
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
20
µA
∆I
CC
additional supply
current per input
VI =VCC − 2.1 V; IO = 0 4.5 to 5.5
−−
410
µA


Similar Part No. - 74HC2G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74HC2G00 NEXPERIA-74HC2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
74HC2G00-Q100 NEXPERIA-74HC2G00-Q100 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
74HC2G00-Q100 NEXPERIA-74HC2G00-Q100 Datasheet
207Kb / 11P
   Dual 2-input NAND gate
Rev. 2 - 20 November 2018
logo
NXP Semiconductors
74HC2G00DC NXP-74HC2G00DC Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
More results

Similar Description - 74HC2G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com