Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90285LVKABA-000BU Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90285LVKABA-000BU
Description  24V Low Noise Two-Coil Fan Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90285LVKABA-000BU Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90285LVKABA-000BU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MLX90285
24V Low Noise Two-Coil Fan Driver
3901090285
Rev. 005
Page 6 of 14
DataSheet
Aug/14
B
10 Unique Features
10.1 Active Soft Switching
The use of the Melexis Soft Switching techniques in the US168/169 and US651/661 has already proven its efficiency to
noticeably reduce electrical and acoustic noise by precisely control the output slope duration on the fan coil. The US168/168
is the first generation with fixed output slope duration and the US651/661 is the second generation with possibility for the
user to fine-tune the slope duration via an external pin.
The MLX90285 represents the third generation of soft switching device as it goes even a step further into intelligence and
smart driving.
It mainly combines the major advantage of each previous generation:
Adjustable Slope Control  best balance between motor performance and acoustic/electrical noise
No need of external component for slope control  cost efficiency and simplicity
“Adjustable without external component” is possible as the device automatically determine the slope duration depending on
the fan rotation speed.
The MLX90285 determines the fan rotation speed by measuring the half output switching period from the magnetic field
signal. The output slope duration is extrapolated by measuring the duration from the falling edge on OUT1 to the cross over
with OUT2.
The result is processed to determine the actual Output Slope Duration to Torque Period Ratio (SLRATIO = 2 . tSLOPE / TOUT ),
leading to two possible options:
If SLRATIO < 6.25% (typical), the slope duration should be increased
If SLRATIO > 6.25% (typical), the slope duration should be decreased
The Digital Slope Duration Control register is incremented or decremented accordingly, thus updating the slope duration
value for both outputs OUT1 and OUT2, prior the next rising slope occurring on OUT1.
Magnetic Field
at Hall sensor
B
OP
(from rotor magnet)
RP
Digital Magnetic Field
(North or South)
½ . T
OUT1
= ½ . 7.5ms = 3.75ms
V
OUT1
V
OUT2
Output Voltage
Output
crossover
OUT1 slope duration
measurement signal
½ t
SLOPE
= 0.15ms
½ t
SLOPE
= 0.145ms
Slope Duration to
Output Switching
Period Ratio register
Digital Slope Duration
Control register
( 1
N
96 )
SL
RATIO comparison + decision
= 0.3ms / 3.75ms = 8%

Slope duration must be decreased
N = N
0 (= 53) 
t
SLOPE = REF . N (= REF . 53 = 0.3ms)
t
SLOPE = REF . (N0 - 1) (= REF . 52 = 0.29)
1 - All values in green are arbitrary and just given for example purpose
2 - Condition example: 4000RPM, 2-pole pair rotor magnet, initial slope
duration = 0.3ms, target SL
RATIO = 6.25%
Picture 1 – Active Soft Switching Operation Principle


Similar Part No. - MLX90285LVKABA-000BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
More results

Similar Description - MLX90285LVKABA-000BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com