Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90285LVKAAA-000BU Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90285LVKAAA-000BU
Description  24V Low Noise Two-Coil Fan Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90285LVKAAA-000BU Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90285LVKAAA-000BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90285LVKAAA-000BU Datasheet HTML 13Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MLX90285
24V Low Noise Two-Coil Fan Driver
3901090285
Rev. 005
Page 11 of 14
DataSheet
Aug/14
-1
+2
14 Packages Information (Outline Drawing, Hall Plate location & Pinout)
14.1 VK Package (4-pin TO92)
5.22
+/-0.10
4.20
+/-0.10
1.55
+/-0.10
0.73
+/-0.10
Notes:
1. All dimensions are in millimeters
0.00
0.20
+0.02
0.46 - 0.03
+2 (2X)
+2
(2X)
2. Package dimension exclude molding flash.
Mold flash shall not exceed 0.127mm.
3. To preserve reliability, it is recommended to
have total lead length equal to 2.5mm minimum,
measured from the package line.
4. VK package is a pin through-hole package,
hence adapted for wave soldering process.
A reflow soldering process is not recommended
with VK package as it may seriously affect
device reliability.
1.27
+/-0.03
3.81
+/-0.03
0.38
+/-0.03
0.38
+/-0.03
Marking:
Top side :
1
st Line = 285FG (or 285RD) – Part number
(MLX90285) and Option Code
2
nd Line - xxyww – xx = Lot number
y = year (last digit)
ww = calendar week
-1
(2X)
0.30
+/-0.10
(2X)
+2
(2X)
Hall plate location
2.25
+/-0.13
0.52
1.05
+/-0.13
Notes:
1. All dimensions are in millimeters
Pin number (VK)
Pin Name
Function
1
FG (RD)
FG (RD) open drain output signal
2
OUT1
Open Drain Coil Driver 1
3
OUT2
Open Drain Coil Driver 2
4
GND
Ground pin


Similar Part No. - MLX90285LVKAAA-000BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
More results

Similar Description - MLX90285LVKAAA-000BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com