Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90316LGOBDG-102RE Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90316LGOBDG-102RE
Description  Rotary Position Sensor IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316LGOBDG-102RE Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90316LGOBDG-102RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 8 of 45
Jul/13
Rev10
5. Absolute Maximum Ratings
Parameter
Value
Supply Voltage, VDD (overvoltage)
+ 20 V
Reverse Voltage Protection
− 10 V
Positive Output Voltage – Standard Version
(Analog or PWM)
+ 10 V
+ 14 V (200 s max − TA = + 25°C)
Positive Output Voltage – SPI Version
VDD + 0.3V
Positive Output Voltage (Switch Out)
+ 10 V
+ 14 V (200 s max − TA = + 25°C)
Output Current (IOUT)
± 30 mA
Reverse Output Voltage
− 0.3 V
Reverse Output Current
− 50 mA
Operating Ambient Temperature Range, TA
− 40°C … + 150°C
Storage Temperature Range, TS
− 40°C … + 150°C
Magnetic Flux Density
± 700 mT
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
6. Detailed Description
As described on the block diagram (Figure 1, Figure 2 and Figure 3), the magnetic flux density parallel to
the IC surface (i.e. B//) is sensed through the Tria⊗is® sensor front-end. This front-end consists into two
orthogonal pairs (for each of the two directions parallel with the IC surface i.e. X and Y) of conventional
planar Hall plates (blue area on Figure 5) and an Integrated Magneto-Concentrator (IMC® yellow disk on
Figure 5).
Figure 5 - Tria⊗is® sensor front-end (4 Hall plates + IMC® disk)
Hall Plates


Similar Part No. - MLX90316LGOBDG-102RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316LDC-SPI ETC2-MLX90316LDC-SPI Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results

Similar Description - MLX90316LGOBDG-102RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
   Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
   12 mm Rotary Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com