Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90109EDCAAA-000TU Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90109EDCAAA-000TU
Description  125kHz RFID Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90109EDCAAA-000TU Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90109EDCAAA-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90109EDCAAA-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MLX90109
125kHz RFID Transceiver
3901090109
Page 6 of 16
Data Sheet
Rev 011
Jun/12
6 Block Diagram
7 General Description
7.1 Loop Gain Oscillator
The oscillator frequency is locked on the antenna resonance frequency.
The clock is derived from the
oscillator. In this way, its characteristics are locked to the transmission frequency. As the antenna is used to
determine the carrier frequency, the antenna is always perfectly tuned to resonance. Consequently the
MLX90109 is not sensitive to zero modulation (the so-called “zero modulation” is the phenomena whereby
the tag does modulate properly, but no amplitude modulation can be observed at the reader coil).
7.2 Peak Detector
The peak detector of the transceiver detects the AM signal generated by the tag. This signal is filtered and
amplified by an on-chip switched capacitor filter before feeding the digital decoder. The same signal is fed
back to close the loop of the antenna voltage.
7.3 Band-Pass Filter
By setting the SPEED pin to VDD or to GND, the filtering characteristics are optimized for either 2 or 4 kbaud.
The MLX90109 makes an internal first-order filtering of the envelope that changes according to the setting of
the SPEED pin, to fit the Biphase and Manchester data spectrum:
2kbaud (speed pin to VDD)
:
400Hz to 3.6kHz
4kbaud (speed pin to VSS)
:
800Hz to 7.2kHz


Similar Part No. - MLX90109EDCAAA-000TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
   125kHz RFID Integrated Transceiver
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
More results

Similar Description - MLX90109EDCAAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
   125kHz RFID Integrated Transceiver
logo
Melexis Microelectronic...
DVK90109 MELEXIS-DVK90109 Datasheet
971Kb / 13P
   125kHz RFID Development Kit
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
   RFID Tag (125kHz)
6-20-17
SEN-09417 SPARKFUN-SEN-09417 Datasheet
96Kb / 2P
   RFID Button - 16mm (125kHz)
6??0??7
SEN-09416 SPARKFUN-SEN-09416 Datasheet
91Kb / 2P
   RFID Glass Capsule (125kHz)
6??0??7
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
   Read/Write analog front end for 125kHz RFID Basestation
logo
Melexis Microelectronic...
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
   13.56MHz RFID Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com