Selected language     English  ▼


LM3354MMX-1.8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3354MMX-1.8
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 10 page
background image
Maximum Load Under Start-Up
Due to the LM3354’s unique start-up sequence, it is not
able to start up under all load conditions. Starting with 60
mA or less will allow the part to start correctly under any
temperature or input voltage conditions. After the output is
in regulation, any load up to the maximum as specified in
the Electrical Characteristics may be applied. Using a
Power On Reset circuit, such as the LP3470, is recom-
mended if greater start up loads are expected. Under
certain conditions the LM3354 can start up with greater
load currents without the use of a Power On Reset Circuit.
Thermal Protection
During output short circuit conditions, the LM3354 will draw
high currents causing a rise in the junction temperature.
On-chip thermal protection circuitry disables the charge
pump action once the junction temperature exceeds the
thermal trip point, and re-enables the charge pump when the
junction temperature falls back to a safe operating point.
Typical Application Circuits
DS200188-33
FIGURE 2. Basic Buck/Boost Regulator
DS200188-15
FIGURE 3. Low Output Noise and Ripple Buck/Boost Regulator
DS200188-40
FIGURE 4. White LED Driver
www.national.com
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3352Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2662Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2664Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl