Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX75303 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX75303
Description  Optical Switch SensorEyeC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75303 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX75303 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MLX75303
Optical Switch SensorEyeC
390107530301
Page 1 of 12
Data Sheet
Rev. 001
Feb/09
Features
High precision light switching level
Low temperature dependency
TTL and CMOS compatible
Operating temperatures: -20..85degC
(consumer) or -40..125degC (automotive)
Supply voltage range 3V to 5.5V
Target 0 ppm defects;
guarantee <10 ppm defects
Solder reflow 260degC, MSL3
RoHS compliant lead-free
Automotive version is AEC-Q100 qualified
Applications
General
Contactless Switch
Contactless Position Switch
Hand presence detection, e.g. for water taps
Range detection, e.g. staircase detection for robot vacuum cleaners
Twilight Sensor, e.g. for sun screens, roof windows
Security Screens
Automotive
Steering angle measurement
Contactless switch for steering stocks
Headlights ON/OFF sensor
Keyless car entry – hand presence detection
Printers/Copiers
Paper feed detection
Paper size and orientation detection
Toner cartridge presence detection
Versions
Part No.
Temperature
Code
Package Code
Option Code
Delivery Form
MLX75303
S
-20°C to 85°C
XD
SO8 Open Cavity
Tape On Reel
MLX75303
K
-40°C to 125°C
XD
SO8 Open Cavity
Tape On Reel


Similar Part No. - MLX75303

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX75303 MELEXIS-MLX75303 Datasheet
776Kb / 12P
   Optical Schmitt Trigger
More results

Similar Description - MLX75303

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX75305 MELEXIS-MLX75305 Datasheet
884Kb / 12P
   Light-to-Voltage SensorEyeC
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
OPB355 OPTEK-OPB355_07 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
QT Optoelectronics
CNY36 QT-CNY36 Datasheet
257Kb / 3P
   SLOTTED OPTICAL SWITCH
H21A4 QT-H21A4 Datasheet
294Kb / 4P
   SOLTTED OPTICAL SWITCH
H22A4 QT-H22A4 Datasheet
290Kb / 4P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com