Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122RLQ Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX71122RLQ
Description  300 to 930MHz FSK/FM/ASK Receiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122RLQ Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX71122RLQ Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122RLQ Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 10 of 59
390 10 71122 01
2. Pin Definitions and Descriptions
2.1. Pin Schematics
Pin No.
Name
I/O Type
Functional Schematic
Description
1
VEELNA
ground
LNAO
3
VEELNA
1
LNAI
31
VEE
VEE
VCC
bias
ground of LNA core
31
LNAI
analog
input
LNA input, approx.
27 single-ended
3
LNAO
analog
output
LNA open-collector output,
to be connected to external
LC tank that resonates at RF
2
VCCANA
supply
positive supply of
LNA, MIX1 MIX2, IFF, IFA,
FSK DEMOD, OA1, OA2,
PKDET+, PKDET- and BIAS
4
VEEIF
ground
negative supply of
LNA, MIX1 MIX2, IFF, IFA,
and FSK DEMOD
5
MIXN
analog
input
MIXN
390µA
5
VEE
VEE
VCC
VCC
6
MIXP
bias
mixer 1 negative input
6
MIXP
analog
input
mixer 1 positive input
7
SPISEL
CMOS
input
VEE
VCC
SPISEL
7
120
SPI select input
8
RSSI
analog
output
VEE
VCC
8
I (Pi)
RSSI
120
25k
ASK
FSK
SW1
120
RSSI output, approx. 25k
9
MODSEL
CMOS
input
VEE
VCC
MODSEL
9
120
demodulation select input
(FSK or ASK demodulation)


Similar Part No. - MLX71122RLQ

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX71122 MELEXIS-MLX71122 Datasheet
882Kb / 44P
   300 to 930MHz FSK/FM/ASK Receiver
More results

Similar Description - MLX71122RLQ

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122 Datasheet
882Kb / 44P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_17 Datasheet
1Mb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
TH7120 ETC-TH7120 Datasheet
718Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com