Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71121KLQAAA-000RE Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX71121KLQAAA-000RE
Description  FSK/OOK Receiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71121KLQAAA-000RE Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX71121KLQAAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71121KLQAAA-000RE Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MLX71121
300 to 930MHz
FSK/OOK Receiver
39010 71121
Page 11 of 29
Data Sheet
Rev. 012
Mar/15
1.15.1 Averaging Detection Mode
The simplest configuration is the averaging or RC inte-
gration method. Here an on-chip 100k
 resistor togeth-
er with an external slicer capacitor (CSL) are forming an
RC low-pass filter. This way the threshold voltage au-
tomatically adjusts to the mean or average value of the
analog input voltage.
To create a stable threshold voltage, the cut-off fre-
quency of the low pass has to be lower than the lowest
signal frequency.
100k
τ
CSL
AVG
RZ
AVG
R
1.5
τ
A long string of zeros or ones, like in NRZ codes, can
cause a drift of the threshold. That’s why a Manchester
or other DC-free coding scheme works best.
The peak detectors are disabled during averaging de-
tection mode, and the output pins PDP and PDN are
pulled to ground (S4, S6 are closed).
Fig. 7:
Data path in averaging detection mode
1.15.2 Peak Detection Mode
Peak detection mode has a general advantage over
averaging detection mode because of the part attack
and slow release times. Peak detection should be used
for all non-DC-free codes like NRZ. In this configuration
the threshold is generated by using the positive and
negative peak detectors. The slicer comparator thresh-
old is set to the midpoint between the high output and
the low output of the data filter by an on-chip resistance
divider. Two external capacitors (CP1, CP2) determine
the release times for the positive and negative enve-
lope. The two on-chip resistors provide a path for the
capacitors to discharge. This allows the peak detectors
to dynamically follow peak changes of the data filter
output voltage. The attack times are very short due to
the high peak detector load currents of about 500uA.
The decay time constant mainly depends on the longest
time period without bit polarity change. This corre-
sponds to the maximum number of consecutive bits with
the same polarity (NMAX).
100k
τ
CP1/2
DECAY
NRZ
MAX
DECAY
R
N
τ
Fig. 8:
Data path in peak detection mode
If the receiver is in shutdown mode and peak detection mode is selected then the peak detectors are disa-
bled and the output of the positive peak detector (PDP) is connected to VEE (S4 is closed) and the output of
the negative peak detector (PDN) is connected to VCC (S5 is closed). This guarantees the correct biasing of
CP1 and CP2 during start-up.
CSL
PKDET+
PKDET
_
OA2
data slicer
PDP
SLC
S1
100k
S2
S3
S4
Control
logic
DTAO
CINT
VCC
PDN
S5
S6
data
filter
SLCSEL
switches
CP1
CP2
PKDET+
PKDET
_
OA2
data slicer
PDP
PDN
SLC
S1
100k
S2
S3
S4
VCC
S5
S6
Control
logic
DTAO
CINT
data
filter
SLCSEL
switches


Similar Part No. - MLX71121KLQAAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
More results

Similar Description - MLX71121KLQAAA-000RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
logo
List of Unclassifed Man...
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com