Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71121 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX71121
Description  FSK/OOK Receiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71121 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX71121 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MLX71121
300 to 930MHz
FSK/OOK Receiver
39010 71121
Page 6 of 29
Data Sheet
Rev. 012
Mar/15
1.4
Operating Modes
The receiver offers two operating modes selectable by setting the corresponding logic level at pin ENRX.
ENRX
Description
0
Shutdown mode
1
Receive mode
Note:
ENRX is pulled down internally.
The receiver’s start-up procedure is controlled by a sequencer circuit. It performs the sequential activation of
the different building blocks. It also initiates the pre-charging of the data filter and data slicer capacitors in
order to reduce the overall start-up time and current consumption during the start-up phase.
At ENRX = 0, the receiver is in shutdown mode and draws only a few nA. The bias system and the reference
oscillator are activated after enabling the receiver by a positive edge at pin ENRX. The crystal oscillator (RO)
is turned on first. Then the crystal oscillation amplitude builds up from noise. After reaching a certain ampli-
tude level at pin ROI, the whole IC is activated and draws the full receive mode current consumption ICC. This
event is used to start the pre-charging of the external data path capacitors. Pre-charging is finished after
5504 clock cycles. After that time the data output pin DTAO output is activated.
Fig. 2:
Timing diagram of start-up and shutdown behavior
1.5
LNA Selection
The receiver features two identical LNAs. Each LNA is a cascode amplifier with a voltage gain of approxi-
mately 18dB. The actual gain depends on the antenna matching network at the inputs and the LC tank net-
work between the LNA outputs and mixer input. LNA operation can be controlled by the LNASEL pin.
LNASEL
Description
0
LNA1 active, LNA2 shutdown
Hi-Z
LNA1 and LNA2 active
1
LNA1 shutdown, LNA2 active
Pin LNASEL is internally pulled to VCC/2 during receive mode. Therefore both LNAs are active if LNASEL is
left floating (Hi-Z state).
valid data
Hi-Z
Hi-Z
ENRX
DTAO
CC
I
SDN
I
RO
I
t onRO
t onRX
t
SEQ


Similar Part No. - MLX71121

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
More results

Similar Description - MLX71121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
logo
List of Unclassifed Man...
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com