Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71120KLQAAA-000TU Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX71120KLQAAA-000TU
Description  FSK/FM/ASK Receiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71120KLQAAA-000TU Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX71120KLQAAA-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71120KLQAAA-000TU Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
MLX71120
300 to 930MHz
FSK/FM/ASK Receiver
39010 71120
Page 8 of 31
Data Sheet
Rev. 008
Jun/12
1.6
Mixer Section
The mixer section consists of two mixers. Both are double-balanced mixers. The second mixer is built as an
image rejection mixer. The first mixer’s inputs (MIXP and MIXN) are functionally the same. For single-ended
drive, the unused input has to be tied to ground via a capacitor. A soft band-pass filter is placed between the
mixers.
RFSEL
Description
0
Input frequency range 300 to 470MHz
1
Input frequency range 610 to 930MHz
Pin RFSEL is used to select the required RF band. The LO frequencies and the proper sidebands for image
suppression will be set accordingly. The mixer output (MIXO) is to drive an external IF filter. This output is set
up by a source follower that can be biased to create a driving impedance of either 1500 Ohms or 330 Ohms,
depending on the logic level at pin IFSEL.
IFSEL
Description
0
IF2 = 455 kHz
1
IF2 = 10.7 MHz
This feature allows to use standard ceramic filters for 455kHz and 10.7MHz. They can be connected directly
without additional matching elements. The overall voltage conversion gain of the mixer section is approxi-
mately 25dB.
1.7
IF Amplifier
After having passed the IF filter, the signal is amplified by a high-gain limiting amplifier. It consists of several
AC-coupled gain stages with a bandwidth of 400kHz to 11MHz. The overall small-signal pass-band gain is
about 80dB. A received-signal-strength indicator (RSSI) signal is generated within the IF amplifier and is
available at pin RSSI.
1.8
PLL Synthesizer
The PLL synthesizer consists of a fully integrated voltage-controlled oscillator running at 400MHz to
640MHz, a distributed feedback divider chain, an edge-triggered phase-frequency detector, a charge pump,
a loop filter and a crystal-based reference oscillator. The PLL is used for generating the LO signals. The LO1
is directly taken from the VCO output, and the LO2 is derived from the LO1 signal passing the N1 counter.
Another counter N2 follows N1. The overall feedback divider ratio Ntot is fixed to 24. The values of N1 and N2
are depending on the selected RF band that can be chosen via pin RFSEL.
RFSEL
fLO1min
[MHz]
fLO1max
[MHz]
fLO2min
[MHz]
fLO2max
[MHz]
N1
N2
Ntot
0
400
640
100
160
4
6
24
1
400
640
200
320
2
12
24


Similar Part No. - MLX71120KLQAAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120 Datasheet
1Mb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_17 Datasheet
1Mb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
More results

Similar Description - MLX71120KLQAAA-000TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
   UHF ASK/FSK/FM Receiver
2003
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
   315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com