Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR500150CT Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR500150CT
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR500150CT Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR500150CT Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR500150CT Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR500150CT Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 150 V - 200 V
IF(AV) = 500 A
Features
• High Surge Capability
Twin Tower Package
• Not ESD Sensitive
Parameter
Symbol
MBR500150CT(R)
Unit
Repetitive peak reverse
voltage
VRRM
150
V
RMS reverse voltage
VRMS
106
V
• Types from 150 V to 200 V VRRM
MBR500150CT thru MBR500200CTR
200
141
MBR500200CT(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
Conditions
DC blocking voltage
VDC
150
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MBR500150CT(R)
Unit
Average forward current
(per pkg)
IF(AV)
500
A
Maximum forward voltage
(per leg)
0.88
3
10
50
Thermal characteristics
Thermal resistance,
junction-case (per leg)
R
ΘJC
0.30
°C/W
TC = 125 °C
500
Peak forward surge
current (per leg)
IFSM
tp = 8.3 ms, half sine
3500
3500
50
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Reverse current at rated
DC blocking voltage (per
leg)
IR
VF
V
A
Tj = 100 °C
10
Tj = 25 °C
IFM = 250 A, Tj = 25 °C
Conditions
-55 to 150
3
MBR500200CT(R)
0.30
Tj = 150 °C
0.92
mA
-55 to 150
200
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR500150CT

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR500150CT GENESIC-MBR500150CT Datasheet
719Kb / 3P
   Silicon Power Schottky Diode
MBR500150CTR GENESIC-MBR500150CTR Datasheet
719Kb / 3P
   Silicon Power Schottky Diode
MBR500150CT GENESIC-MBR500150CT_V01 Datasheet
719Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR500150CT

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com