Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47B272-MS Datasheet(PDF) 11 Page - SMSC Corporation

Part # LPC47B272-MS
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272-MS Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LPC47B272-MS Datasheet HTML 7Page - SMSC Corporation LPC47B272-MS Datasheet HTML 8Page - SMSC Corporation LPC47B272-MS Datasheet HTML 9Page - SMSC Corporation LPC47B272-MS Datasheet HTML 10Page - SMSC Corporation LPC47B272-MS Datasheet HTML 11Page - SMSC Corporation LPC47B272-MS Datasheet HTML 12Page - SMSC Corporation LPC47B272-MS Datasheet HTML 13Page - SMSC Corporation LPC47B272-MS Datasheet HTML 14Page - SMSC Corporation LPC47B272-MS Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 195 page
background image
SMSC LPC47B27x
- 11 -
Rev. 04-17-07
DATASHEET
DESCRIPTION OF PIN FUNCTIONS
PIN
No./
QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
BUFFER TYPE
PER
FUNCTION
(NOTE 1)
NOTE
S
41
General Purpose I/O /
P17
1
GP20/P17
IO8
(I/O8/OD8)/
IO8
42
General Purpose I/O /
P16 /nDS1
1
GP21 /P16/
nDS1
IO12
(I/O12/OD12)/
IO12/(O12/
OD12)
43
General Purpose I/O /
P12/nMTR1
1
GP22 /P12/
nMTR1
IO12
(I/O12/
OD12)/IO12/
(O12/OD12)
45
General Purpose I/O /
System Option
1
GP24
/SYSOPT
IO8
(I/O8/OD8)
9
46
General Purpose I/O
/MIDI_IN
1
GP25
/MIDI_IN
IO8
(I/O8/OD8)/I
47
General Purpose I/O
/MIDI_OUT
1
GP26
/MIDI_OUT
IO12
(I/O12/OD12)/
O12
50
General Purpose I/O
/SMI Output
1
GP27
/nIO_SMI
IO12
(I/O12/OD12)/
OD12
48
General Purpose I/O /
LED
1
GP60 /LED1
IO12
(I/O12/OD12)/
O12
11
49
General Purpose I/O /
LED
1
GP61 /LED2
IO12
(I/O12/OD12)/
O12
11
17
General Purpose I/O /
Power Management
Event
1
GP42
/nIO_PME
IO12
(I/O12/OD12)/
OD12
28
General Purpose I/O
/Device Disable Reg.
Control / FDC on
Parallel Port
1
GP43/DDRC
/FDC_PP
IO8
(I/O8/OD8)/I/I
Note:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 1: Buffer types per function on multiplexed pins are separated by a slash “/”. Buffer types in parenthesis
represent multiple buffer types for a single pin function.
Note 2: The nLPCPD pin may be tied high. The LPC interface will function properly if the nPCI_RESET signal
follows the protocol defined for the nLRESET signal in the “Low Pin Count Interface Specification”.
Note 3: If the 32kHz input clock is not used the CLKI32 pin must be grounded. There is a bit in the configuration
register at 0xF0 in Logical Device A that indicates whether or not the 32kHz clock is connected. This bit
determines the clock source for the fan tachometer, LED and “wake on specific key” logic. Set this bit to ‘1’
if the clock is not connected.
Note 4. The fan control pins (FAN1 and FAN2) come up as outputs and low following a VCC POR and Hard Reset.
Note 5: The IRTX pins (IRTX2/GP35 and GP53/TXD2) are driven low when the part is powered by VTR (VCC=0V
with VTR=3.3V). The IRTX2/GP35 pin will remain low following a power-up (VCC POR) until serial port 2 is
enabled by setting the activate bit, at which time the pin will reflect the state of the IR transmit output of the
IRCC block. The GP53/TXD2 pin will remain low following a VCC POR until the TXD2 function is selected
for the pin and serial port is enabled by setting the activate bit, at which time the pin will reflect the state of
the IR transmit output of the IRCC block (if IR is enabled).
Note 6:The “activate” bit for the CIrCC is reset by VTR POR only. The VCC power-up default for this pin is Logic “0” if the
IRTX2 function is programmed on the GPIO.
Note 7:The “activate” bit for Serial Port 2 is reset by VTR POR only. The VCC power-up default for this pin is Logic “0” if
the TXD2 function is programmed on the GPIO.
Note 8: VTR can be connected to VCC if no wakeup functionality is required.
Note 9: The GP24 /SYSOPT pin requires an external pulldown resistor to put the base IO address for configuration
at 0x02E. An external pullup resistor is required to move the base IO address for configuration to 0x04E.
Note 10: External pullups must be placed on the nKBDRST and A20M pins. These pins are GPIOs that are inputs
after an initial power-up (VTR POR). If the nKBDRST and A20M functions are to be used, the system must
ensure that these pins are high. See Section “Pins That Require External Pullup Resistor”.
Note 11: The LED pins are powered by VTR so that the LEDs can be controlled when the part is under VTR power


Similar Part No. - LPC47B272-MS

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results

Similar Description - LPC47B272-MS

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
   56-Pin Super I/O with LPC Interface
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
   64-Pin Super I/O with LPC Interface
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
   64-Pin Super I/O with LPC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com