Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4T-1224SH35Z Datasheet(PDF) 5 Page - AIMTEC

Part # AM4T-1224SH35Z
Description  4 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T-1224SH35Z Datasheet(HTML) 5 Page - AIMTEC

  AM4T-1224SH35Z Datasheet HTML 1Page - AIMTEC AM4T-1224SH35Z Datasheet HTML 2Page - AIMTEC AM4T-1224SH35Z Datasheet HTML 3Page - AIMTEC AM4T-1224SH35Z Datasheet HTML 4Page - AIMTEC AM4T-1224SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM4T-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
5 of 5
North America only
Test Circuits
Conducted Emissions:
Surge:
Derating
(AM4T-05xxxx Devices only)
0
25
75
50
85
100
80
60
40
20
0
60 º C
Safe Operating Area
º C
100
-40
60
-25
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM4T-1224SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4T-1224SH35Z AIMTEC-AM4T-1224SH35Z Datasheet
579Kb / 5P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4T-1224SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com