Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D103S-CZC Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC6D103S-CZC
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S-CZC Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC6D103S-CZC Datasheet HTML 7Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 8Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 9Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 10Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 11Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 12Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 13Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 14Page - SMSC Corporation EMC6D103S-CZC Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103S
11
Revision 0.2 (09-25-07)
DATASHEET
Note: The “#” as the suffix of a signal name indicates an “Active Low” signal.
Note 3.1
Buffer types per function on multiplexed pins are separated by a slash “/” Buffer types in
parenthesis represent multiple buffer types for a single pin function.
Note 3.2
This analog input is backdrive protected.
3.2
Buffer Type Description
Note: The buffer type values are specified at VCC=3.3V
11
TACH1
Input for monitoring a fan tachometer input.
IM
IM
VCC
12
TACH2
Input for monitoring a fan tachometer input.
IM
IM
VCC
9
TACH3
/INT#
Input for monitoring a fan tachometer input.
/Interrupt output to indicate a thermal
and/or voltage event.
IMOD3
IM /OD3
VCC
14
TACH4
/Address
Select
Input for monitoring a fan tachometer input.
If in Address Select Mode, determines the
SMBus address of the device.
IM
IM
VCC
24
PWM1
/xTest Out
PWM Output 1 controlling speed of fan.
When in XOR tree test mode, functions as
XOR Tree output.
O8
OD8/O8
VCC
10
PWM2
/INT#
PWM Output 2 controlling speed of fan.
/Interrupt output to indicate a thermal
and/or voltage event.
OD8
OD8/OD8
VCC
13
PWM3
/Address
Enable#
PWM Output 3 controlling speed of fan.
If pulled to ground at power on, enables
Address Select Mode (Address Select pin
controls SMBus address of the device).
IOD8
OD8/I
VCC
4
VCC
Positive Power Supply. Nominal 3.3V.
VCC is monitored by the Hardware
Monitoring Block.
(Can be powered by +3.3V Standby power
if monitoring in low power states is
required.)
3
VSS
Analog Ground.
Table 3.2 Buffer Type Descriptions
BUFFER TYPE
DESCRIPTION
IM
Digital Input
IAN
Analog Input, Hardware Monitoring Block
IMOD3
Input/Output (Open Drain), 3mA sink.
O8
Output, 8mA sink, 4mA source.
OD8
Output (Open Drain), 8mA sink.
IO8
Input/Output, 8mA sink, 4mA source.
Table 3.1 Pin Description (continued)
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER
REQUIREMENT
PER FUNCTION
(Note 3.1)
POWER
WELL
NOTES
HARDWARE MONITORING BLOCK (24)


Similar Part No. - EMC6D103S-CZC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D103S-CZC SMSC-EMC6D103S-CZC Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S-CZC-TR SMSC-EMC6D103S-CZC-TR Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
More results

Similar Description - EMC6D103S-CZC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
   Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D103 SMSC-EMC6D103 Datasheet
1Mb / 89P
   FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
   Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
logo
SMSC Corporation
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
   ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com