Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6100-3 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 6100-3
Description  IEC Connector C15 for hot conditions, Rewireable, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6100-3 Datasheet(HTML) 3 Page - Schurter Inc.

  6100-3 Datasheet HTML 1Page - Schurter Inc. 6100-3 Datasheet HTML 2Page - Schurter Inc. 6100-3 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Cord Connectors (rewireable)
4784
www.schurter.com /PG07
Connectors
Category / Description
Power Entry Module with line filter Overview complete
KFB1, Mounting: Screw, Front Side, Filter: Standard Version, Without fuse holder: 10 A, Rocker switch: 1-pole, Appli-
ance Inlet: IEC C14, prewired
KFB1
KFB2, Mounting: Screw, Front Side, Filter: Standard and Medical Version, Without fuse holder: 10 A, Rocker switch:
2-pole, Appliance Inlet: IEC C14, prewired
KFB2
DC12, Mounting: Screw, Front-/Rear-Side, Filter, Standard and Medical Version, Without fuse holder:10 A, Rocker
switch: 1 or 2 pole, non-illuminated or illuminated Appliance Inlet: IEC C14, prewired
DC12
DC22 Mounting: Screw, Rear Side, PCB, 10 A, Filter: Standard and Medical Version, Without fuse holder: Rocker switch:
1 or 2 pole, non-illuminated or illuminated, Appliance Inlet: IEC C14, Suitable for appliances with protection class I
DC22
DD12, Mounting: Screw-on mounting, Front Side, Filter, Standard and Medical Version, Fuse holder:1 or 2 pole, 10 A,
Rocker switch: 2-pole, non-illuminated Appliance Inlet: IEC C14, prewired
DD12
Power Entry Module with line filter further types to 4784
...
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 6100-3

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100-3 SCHURTER-6100-3 Datasheet
389Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6100-3 SCHURTER-6100-3 Datasheet
454Kb / 4P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6100-3 SCHURTER-6100-3 Datasheet
476Kb / 4P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6100-3 SCHURTER-6100-3 Datasheet
476Kb / 4P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
05.01.2022
logo
Bourns Electronic Solut...
6100-330K-RC BOURNS-6100-330K-RC Datasheet
216Kb / 1P
   Radial Lead RF Choke
More results

Similar Description - 6100-3

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4784 SCHURTER-4784_V01 Datasheet
328Kb / 4P
   IEC Connector C15 for hot conditions 120째C, Rewireable, Angled
10.12.2021
4784 SCHURTER-4784_18 Datasheet
292Kb / 3P
   IEC Connector C15 for hot conditions 120, Rewireable, Angled
4781 SCHURTER-4781_V01 Datasheet
346Kb / 4P
   IEC Connector C15 for hot conditions 120째C, Rewireable, Straight
10.12.2021
4781 SCHURTER-4781_21 Datasheet
346Kb / 4P
   IEC Connector C15 for hot conditions 120째C, Rewireable, Straight
4781 SCHURTER-4781_18 Datasheet
299Kb / 3P
   IEC Connector C15 for hot conditions 120, Rewireable, Straight
8111 SCHURTER-8111 Datasheet
473Kb / 3P
   IEC Connector C15, Rewireable, Angled
8111 SCHURTER-8111_V01 Datasheet
235Kb / 3P
   IEC Connector C15, Rewireable, Angled
05.12.2014
1659.0000 SCHURTER-1659.0000 Datasheet
183Kb / 2P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1659 SCHURTER-1659_18 Datasheet
278Kb / 3P
   IEC Connector C21, for very hot conditions 155, Rewireable, Angled
1659 SCHURTER-1659_V01 Datasheet
288Kb / 3P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com