Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3354MM-1.8 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3354MM-1.8
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3354MM-1.8 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3354MM-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM3354MM-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
All Pins
−0.5V to 5.6V
Power Dissipation (T
A = 25˚C)
(Note 2)
Internally Limited
T
JMAX (Note 2)
150˚C
θ
JA (Note 2)
250˚C/W
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
Human Body Model
Machine Model
1.5 kV
100V
Operating Ratings
Input Voltage (V
IN)
2.5V to 5.5V
Output Voltage (V
OUT)
1.8V to 5.0V
Ambient Temperature (T
A) (Note 2)
−40˚C to +85˚C
Junction Temperature (T
J) (Note 2)
−40˚C to +120˚C
Electrical Characteristics
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: C
1 =C2 = 0.33 µF; CIN = 10 µF; COUT = 10 µF; CFIL = 1 µF; VIN = 3.5V.
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
LM3354-5.0
Output Voltage (V
OUT)
3.4V < V
IN < 5.5V;
1mA < I
LOAD < 90 mA
4.85/4.8
5.0
5.15/5.2
V
3.1V < V
IN < 5.5V;
1mA < I
LOAD < 55 mA
4.85/4.8
5.0
5.15/5.2
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 30 mA
4.85/4.8
5.0
5.15/5.2
Efficiency
I
LOAD =15mA
85
%
I
LOAD = 40 mA, VIN = 3.8V
85
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3354-4.1
Output Voltage (V
OUT)
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 90 mA
3.977/3.936
4.1
4.223/4.264
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 40 mA
3.977/3.936
4.1
4.223/4.264
Efficiency
I
LOAD =15mA
80
%
I
LOAD=70mA
75
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3354-3.3
Output Voltage (V
OUT)
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 70 mA
3.201/3.168
3.3
3.399/3.432
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 70 mA
3.201/3.168
3.3
3.399/3.432
Efficiency
I
LOAD =15mA
90
%
I
LOAD=70mA
70
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3354-1.8
Output Voltage (V
OUT)
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 90 mA
1.728/1.710
1.8
1.872/1.89
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 80 mA
1.728/1.710
1.8
1.872/1.89
Efficiency
I
LOAD =15mA
75
%
I
LOAD=70mA
70
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
25
mV
P-P
www.national.com
3


Similar Part No. - LM3354MM-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354MM-3.7 NSC-LM3354MM-3.7 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Texas Instruments
LM3354MM-3.7 TI1-LM3354MM-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
More results

Similar Description - LM3354MM-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com