Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

264-10YD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 264-10YD
Description  3.0 MM ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

264-10YD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  264-10YD Datasheet HTML 1Page - List of Unclassifed Manufacturers 264-10YD Datasheet HTML 2Page - List of Unclassifed Manufacturers 264-10YD Datasheet HTML 3Page - List of Unclassifed Manufacturers 264-10YD Datasheet HTML 4Page - List of Unclassifed Manufacturers 264-10YD Datasheet HTML 5Page - List of Unclassifed Manufacturers 264-10YD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
264-10YD
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
1.7
2.0
2.4
V
IR
VR=5
V
//
10
μA
Iv
IF=
10
mA
1.6
10
mcd
2θ1/2
IF=20
mA
60
deg
λp
IF=20
mA
585
nm
λd
IF=20
mA
590
nm
△λ
IF=20
mA
35
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
3
Page: 3 of 6
Device Number :
CDLE-026-028
Prepared date:
Prepared by:
Caixia wu
Luminous Intensity
Viewing Angle
Parameter
Condition
Forward Voltage
Reverse Current
Peak Wavelength
2004/6/24
Dominant Wavelength
Spectrum Radiation
Bandwidth


Similar Part No. - 264-10YD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-10GD EVERLIGHT-264-10GD Datasheet
117Kb / 7P
   3.0mm Round Type LED Lamps
264-10GD EVERLIGHT-264-10GD Datasheet
109Kb / 7P
   3.0mm Round Type LED Lamps
264-10GD EVERLIGHT-264-10GD Datasheet
161Kb / 7P
   Low power cinsumption
REV 1.0
264-10GD/F182-17 EVERLIGHT-264-10GD/F182-17 Datasheet
105Kb / 6P
   3.0mm Round Type LED Lamps
REV 2
264-10HD EVERLIGHT-264-10HD Datasheet
161Kb / 7P
   Low power cinsumption
REV 1.0
More results

Similar Description - 264-10YD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
204GD ETC-204GD Datasheet
95Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
1224VGC ETC-1224VGC Datasheet
98Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
204HD ETC-204HD Datasheet
98Kb / 6P
   3.0 mm ROUND TYPE LED LAMPS
209HGW ETC-209HGW Datasheet
137Kb / 7P
   3.0 MM MULTI COLOR ROUND TYPE LED LAMPS
333HD ETC-333HD Datasheet
104Kb / 6P
   5.0 MM ROUND TYPE LED LAMPS
333GD ETC-333GD Datasheet
92Kb / 4P
   5.0 MM ROUND TYPE LED LAMPS
logo
BetLux Electronics
BL-L189 BETLUX-BL-L189 Datasheet
244Kb / 4P
   1.8 mm Round Tower Type LED Lamps
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com