Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4022 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4022
Description  IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4022 Datasheet(HTML) 1 Page - Schurter Inc.

  4022 Datasheet HTML 1Page - Schurter Inc. 4022 Datasheet HTML 2Page - Schurter Inc. 4022 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Connectors (Inlets/Outlets)
6100-4
www.schurter.com /PG07
Connectors
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4
C14
70° C
Description
- Panel Mount :
Snap-in version from front side
- 1 Function :
- Appliance Inlet , Pin temperature 70 °C , Protection class I
- Solder terminals or quick connect terminals
Approvals
- VDE Certificate Number: 40015595
- UL File Number: E96454
Other versions on request
- Other panel thickness
- Types for enhanced glow wire test requirements acc. IEC 60695-2-
12 and -13 for the use in unattended household equipment acc. IEC
60335-1
References
Alternative: protection class II version 6102-5
Alternative: version with line filter 5110; 5120
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
15 A / 250 VAC; 60 Hz
Dielectric Strength
> 2 kVAC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
IP-Protection
from front side IP 30 acc. to IEC 60529
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Solder terminals or quick connect ter-
minals
Panel Thickness s
Snap-in: 1/1.2/1.5/2/2.5/3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 60320-1, CSA C22.2 no. 60320-1
(for cold conditions) pin-temperature 70
°C, 10 A, Protection Class I
Dimensions
max.R3
30
27.5
E
27.5
3
S
+0.20
0
E: Solder terminals 22.5 mm
E:Quick connect terminals 25.5 mm
S: 1.0; 1.2; 1.5; 2.0; 2.5; 3.0 mm


Similar Part No. - 4022

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4022 POMONA-4022 Datasheet
26Kb / 1P
   Insulated Banana Jack, Miniature With Wire Wrap Terminal
logo
Schurter Inc.
4022 SCHURTER-4022 Datasheet
442Kb / 3P
   IEC Connector C13, Rewireable, Straight
4022 SCHURTER-4022 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
4022 SCHURTER-4022 Datasheet
197Kb / 2P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
4022 SCHURTER-4022 Datasheet
659Kb / 5P
   IEC Appliance Inlet C14 with Filter
More results

Similar Description - 4022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100-4 SCHURTER-6100-4_18 Datasheet
311Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V02 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6100-4_1809 SCHURTER-6100-4_1809 Datasheet
322Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V01 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Termina
1061 SCHURTER-1061 Datasheet
406Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6010 SCHURTER-6010 Datasheet
434Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6110-4 SCHURTER-6110-4 Datasheet
350Kb / 2P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5 Datasheet
332Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6110-4_1809 SCHURTER-6110-4_1809 Datasheet
273Kb / 3P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6102-5 SCHURTER-6102-5_V02 Datasheet
268Kb / 4P
   IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com