Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDE4.4101.151 Datasheet(PDF) 5 Page - Schurter Inc.

Part # CDE4.4101.151
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CDE4.4101.151 Datasheet(HTML) 5 Page - Schurter Inc.

  CDE4.4101.151 Datasheet HTML 1Page - Schurter Inc. CDE4.4101.151 Datasheet HTML 2Page - Schurter Inc. CDE4.4101.151 Datasheet HTML 3Page - Schurter Inc. CDE4.4101.151 Datasheet HTML 4Page - Schurter Inc. CDE4.4101.151 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Power Entry Modules with Line Filter
CD
www.schurter.com /PG06
EMC Products
Accessories
Wire Harness
Wire harness for SCHURTER products
Assorted Covers
Rear Cover
0859.0077
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
Appliance Outlet further types to CD
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4022
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4012
Connector further types to CD
...
Mating Outlets/Connectors shuttered
Power Cord Overview complete
VAC13KS, Overview, diverse Connector IEC C13, cord end:
VAC13KS
Power Cord further types to CD
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - CDE4.4101.151

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CDE-15PF HIROSE-CDE-15PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-15SF HIROSE-CDE-15SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-25PF HIROSE-CDE-25PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-25SF HIROSE-CDE-25SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-37PF HIROSE-CDE-37PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
More results

Similar Description - CDE4.4101.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
CG16.5101.151 SCHURTER-CG16.5101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com