Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8T-0505SIZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM8T-0505SIZ
Description  8 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-0505SIZ Datasheet(HTML) 1 Page - AIMTEC

  AM8T-0505SIZ Datasheet HTML 1Page - AIMTEC AM8T-0505SIZ Datasheet HTML 2Page - AIMTEC AM8T-0505SIZ Datasheet HTML 3Page - AIMTEC AM8T-0505SIZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM8T-IZ
8 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.F
1 of 4
North America only
FEATURES:
RoHS compliant
Operating temperature -40oC to + 75oC
24 Pin DIP Package
Regulated output
Wide 2:1 input range
Low ripple and noise
Power modules for PCB mounting
Input/output Isolation voltage 1500VDC
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Capacitive
Load, max(uf)
Ripple & Noise
max, (% mV p-p)
Efficiency
(%)
AM8T-0503SIZ
4.5-9
3.3
1600
18400
80
74
AM8T-0505SIZ
4.5-9
5
1600
18400
80
79
AM8T-0512SIZ
4.5-9
12
660
18400
120
83
AM8T-0515SIZ
4.5-9
15
530
18400
150
83
AM8T-1203SIZ
9-18
3.3
1600
6930
80
75
AM8T-1205SIZ
9-18
5
1600
6930
80
83
AM8T-1212SIZ
9-18
12
660
6930
120
85
AM8T-1215SIZ
9-18
15
530
6930
150
85
AM8T-2403SIZ
18-36
3.3
1600
6800
80
81
AM8T-2405SIZ
18-36
5
1600
6800
80
83
AM8T-2412SIZ
18-36
12
660
6800
120
88
AM8T-2415SIZ
18-36
15
530
6800
150
87
AM8T-4803SIZ
36-75
3.3
1600
5030
80
81
AM8T-4805SIZ
36-75
5
1600
5030
80
83
AM8T-4812SIZ
36-75
12
660
5030
120
88
AM8T-4815SIZ
36-75
15
530
5030
150
87
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Capacitive
Load, max(uf)
Ripple & Noise
max, (%)
Efficiency
(%)
AM8T-0505DIZ
4.5-9
±5
±800
±9200
80
85
AM8T-0512DIZ
4.5-9
±12
±330
±9200
120
85
AM8T-0515DIZ
4.5-9
±15
±260
±9200
150
85
AM8T-1205DIZ
9-18
±5
±800
±3465
80
85
AM8T-1212DIZ
9-18
±12
±330
±3465
120
85
AM8T-1215DIZ
9-18
±15
±260
±3465
150
85
AM8T-2405DIZ
18-36
±5
±800
±3400
80
83
AM8T-2412DIZ
18-36
±12
±330
±3400
120
88
AM8T-2415DIZ
18-36
±15
±260
±3400
150
87
AM8T-4805DIZ
36-75
±5
±800
±2515
80
83
AM8T-4812DIZ
36-75
±12
±330
±2515
120
88
AM8T-4815DIZ
36-75
±15
±260
±2515
150
87
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
48
4.5-9
9-18
18-36
36-75
VDC
Filter
π
(Pi) Network
Click on Series name for product info on aimtec.com


Similar Part No. - AM8T-0505SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-0505SIZ AIMTEC-AM8T-0505SIZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8T-0505SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-Z AIMTEC-AM8T-Z_16 Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ_13 Datasheet
264Kb / 3P
   8 Watt | DC-DC Converter
AM8T-Z AIMTEC-AM8T-Z Datasheet
545Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-I-Z AIMTEC-AM8TW-I-Z_16 Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ_13 Datasheet
291Kb / 4P
   8 Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
   50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com