Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8T-1203SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM8T-1203SZ
Description  8 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-1203SZ Datasheet(HTML) 1 Page - AIMTEC

  AM8T-1203SZ Datasheet HTML 1Page - AIMTEC AM8T-1203SZ Datasheet HTML 2Page - AIMTEC AM8T-1203SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM8T-Z
8 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load
(μF)
Efficiency
(%)
AM8T-1203SZ
9-18
3.3
2000
3300
80
AM8T-1205SZ
9-18
5
1500
2200
82
AM8T-1212SZ
9-18
12
665
470
85
AM8T-1215SZ
9-18
15
535
220
83
AM8T-2403SZ
18-36
3.3
2000
3300
80
AM8T-2405SZ
18-36
5
1500
2200
82
AM8T-2412SZ
18-36
12
665
470
85
AM8T-2415SZ
18-36
15
535
220
84
AM8T-4803SZ
36-72
3.3
2000
3300
80
AM8T-4805SZ
36-72
5
1500
2200
82
AM8T-4812SZ
36-72
12
665
470
84
AM8T-4815SZ
36-72
15
535
220
84
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load
(μF)
Efficiency
(%)
AM8T-1205DZ
9-18
±5
±800
±1000
82
AM8T-1212DZ
9-18
±12
±335
±220
84
AM8T-1215DZ
9-18
±15
±265
±100
84
AM8T-2405DZ
18-36
±5
±800
±1000
82
AM8T-2412DZ
18-36
±12
±335
±220
83
AM8T-2415DZ
18-36
±15
±265
±100
85
AM8T-4805DZ
36-72
±5
±800
±1000
82
AM8T-4812DZ
36-72
±12
±335
±220
85
AM8T-4815DZ
36-72
±15
±265
±100
85
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-72
Filter
π
(Pi) Network
Turn on Transient process time
350
ms
Start up time
20
ms
Absolute Maximum Rating
12 Vin
-0.7-24
VDC
24 Vin
-0.7-40
48 Vin
-0.7-100
Peak Input Voltage time
100
ms
RoHS compliant
Operating temperature -40oC to + 85oC
24 Pin DIP Package
Continuous Short Circuit Protection
Wide 2:1 input range
Low ripple and noise
Efficiency up to 85%
Input/output Isolation voltage 1500VDC
Click on Series name for product info on aimtec.com


Similar Part No. - AM8T-1203SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-1203SZ AIMTEC-AM8T-1203SZ Datasheet
545Kb / 3P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8T-1203SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-IZ AIMTEC-AM8T-IZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8T-I-Z AIMTEC-AM8T-I-Z_16 Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ_13 Datasheet
264Kb / 3P
   8 Watt | DC-DC Converter
AM8T-Z AIMTEC-AM8T-Z Datasheet
545Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-I-Z AIMTEC-AM8TW-I-Z_16 Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ_13 Datasheet
291Kb / 4P
   8 Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
   50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com