Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4206K Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 4206K
Description  17- OUTPUT LED DRIVER/GPO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4206K Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 4206K Datasheet HTML 5Page - Maxim Integrated Products 4206K Datasheet HTML 6Page - Maxim Integrated Products 4206K Datasheet HTML 7Page - Maxim Integrated Products 4206K Datasheet HTML 8Page - Maxim Integrated Products 4206K Datasheet HTML 9Page - Maxim Integrated Products 4206K Datasheet HTML 10Page - Maxim Integrated Products 4206K Datasheet HTML 11Page - Maxim Integrated Products 4206K Datasheet HTML 12Page - Maxim Integrated Products 4206K Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MAX6964
(
8).
MAX6964
(
2).
(
0
1
)
10
.
MAX6964
MAX6964
.
(
2).
17-
LED
/GPO
_______________________________________________________________________________________
9
8.
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
1
BYTE
AUTOINCREMENT MEMORY ADDRESS
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
ACKNOWLEDGE FROM MAX6964
ACKNOWLEDGE FROM MAX6964
ACKNOWLEDGE FROM MAX6964
HOW COMMAND BYTE AND DATA BYTE MAP INTO
MAX6964's REGISTERS
R/W
9. n
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
N
BYTE
AUTOINCREMENT MEMORY ADDRESS
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
ACKNOWLEDGE FROM MAX6964
ACKNOWLEDGE FROM MAX6964
ACKNOWLEDGE FROM MAX6964
HOW COMMAND BYTE AND DATA BYTE MAP INTO
MAX6964's REGISTERS
R/W
7.
SA
A
P
0
SLAVE ADDRESS
COMMAND BYTE
ACKNOWLEDGE FROM MAX6964
D15
D14
D13
D12
D11
D10
D9
D8
COMMAND BYTE IS STORED ON RECEIPT OF
STOP CONDITION
ACKNOWLEDGE FROM MAX6964
R/W
10.
SLAVE ADDRESS
12
3
4567
89
SA6 A5 A4 A3 A2 A1A0
0
A
0
00
0
0
00
COMMAND BYTE
1A
A
A
P
START CONDITION
ACKNOWLEDGE FROM SLAVE
ACKNOWLEDGE FROM SLAVE
ACKNOWLEDGE FROM SLAVE
STOP
CONDITION
O7–O0
O15– O8
DATA1 VALID
DATA2 VALID
tDV
tDV
SCL
SDA
WRITE TO OUTPUT PORTS REGISTERS (BLINK PHASE 0 REGISTERS/BLINK PHASE 1 REGISTERS)
R/W
MSB
LSB
DATA1
MSB
LSB
DATA2


Similar Part No. - 4206K

ManufacturerPart #DatasheetDescription
logo
Heyco.
4206 HEYCO-4206 Datasheet
153Kb / 1P
   Cable Holders - Adhesive Back Mount
logo
TE Connectivity Ltd
42067-1 TEC-42067-1 Datasheet
310Kb / 5P
   Quick Disconnects, Receptacle, 24 – 22 AWG Wire Size, .2 – .35 mm² Wire Size, 404 – 643 CMA Wire Size, Mating Tab Width .11 in [2.8 mm], FASTON 110
12/19/2022
logo
List of Unclassifed Man...
4206888-30 ETC2-4206888-30 Datasheet
34Kb / 2P
   CABLE: NEC AC33-27 INVERTER,230mm
More results

Similar Description - 4206K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
logo
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
   33 OUTPUT LED DRIVER
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
logo
Qualtek Electronics Cor...
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com